Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCM-1106M Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # SCM-1106M
Description  High Voltage 3-Phase Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM-1106M Datasheet(HTML) 5 Page - Allegro MicroSystems

  SCM-1106M Datasheet HTML 1Page - Allegro MicroSystems SCM-1106M Datasheet HTML 2Page - Allegro MicroSystems SCM-1106M Datasheet HTML 3Page - Allegro MicroSystems SCM-1106M Datasheet HTML 4Page - Allegro MicroSystems SCM-1106M Datasheet HTML 5Page - Allegro MicroSystems SCM-1106M Datasheet HTML 6Page - Allegro MicroSystems SCM-1106M Datasheet HTML 7Page - Allegro MicroSystems SCM-1106M Datasheet HTML 8Page - Allegro MicroSystems SCM-1106M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
High Voltage 3-Phase Motor Driver
SCM1106M
5
Pin-out Diagram
Branded Side
33
25
1
24
Terminal List Table
Name
Number
Function
1
FO1
U phase fault output for overcurrent and UVLO detected
2
CFO1
Capacitor for U phase overcurrent protection hold time
3
LIN1
Signal input for low-side U phase (active high)
4
COM1
Supply ground for U phase IC
5
HIN1
Signal input for high-side U phase (active high)
6
VCC1
Supply voltage for U phase IC
7
VB1
High-side floating supply voltage for U phase
8
HS1
High-side floating supply ground for U phase
9
FO2
V phase fault output for overcurrent and UVLO detected
10
CFO2
Capacitor for V phase overcurrent protection hold time
11
LIN2
Signal input for low-side V phase (active high)
12
COM2
Supply ground for V phase IC
13
HIN2
Signal input for high-side V phase (active high)
14
VCC2
Supply voltage for V phase IC
15
VB2
High-side floating supply voltage for V phase
16
HS2
High-side floating supply ground for V phase
17
FO3
W phase fault output for overcurrent and UVLO detected
18
CFO3
Capacitor for W phase overcurrent protection hold time
19
LIN3
Signal input for low-side W phase (active high)
20
COM3
Supply ground for W phase IC
21
HIN3
Signal input for high-side W phase (active high)
22
VCC3
Supply voltage for W phase IC
23
VB3
High-side floating supply voltage for W phase
24
HS3
High-side floating supply ground for W phase
25
VBB
Positive DC bus supply voltage
26
W
Output for W phase
27
LS3
Negative DC bus supply ground for W phase
28
VBB
Cut-pin ( positive DC bus supply voltage)
29
V
Output for V phase
30
LS2
Negative DC bus supply ground for V phase
31
VBB
Cut-pin ( positive DC bus supply voltage)
32
U
Output for U phase
33
LS1
Negative DC bus supply ground for U phase
(Bottom View)
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - SCM-1106M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1101MF ALLEGRO-SCM-1101MF Datasheet
419Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1103M ALLEGRO-SCM-1103M Datasheet
339Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1104MF ALLEGRO-SCM-1104MF Datasheet
419Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SCM-1106M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com