Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCM-1103M Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # SCM-1103M
Description  High Voltage 3-Phase Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM-1103M Datasheet(HTML) 4 Page - Allegro MicroSystems

  SCM-1103M Datasheet HTML 1Page - Allegro MicroSystems SCM-1103M Datasheet HTML 2Page - Allegro MicroSystems SCM-1103M Datasheet HTML 3Page - Allegro MicroSystems SCM-1103M Datasheet HTML 4Page - Allegro MicroSystems SCM-1103M Datasheet HTML 5Page - Allegro MicroSystems SCM-1103M Datasheet HTML 6Page - Allegro MicroSystems SCM-1103M Datasheet HTML 7Page - Allegro MicroSystems SCM-1103M Datasheet HTML 8Page - Allegro MicroSystems SCM-1103M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
High Voltage 3-Phase Motor Driver
SCM1103M
4
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Voltage
VCC
Between VCC and COM
13.5
16.5
V
Logic Supply Current
ICC
VCC = 15 V, 3 phases operating
5
8
mA
Bootstrap Supply Current
IBS
VB – HS = 15 V, one phase operating
400
800
μA
Input Voltage
VIH
VCC = 15 V, output on
2.0
2.5
V
VIL
VCC = 15 V, output off
1.0
1.5
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
0.5
V
Input Current
IIHH
VCC = 15 V, VIN = 5 V
50
100
μA
IILH
VCC = 15 V, VIN = 0 V
2
μA
Undervoltage Lock Out (High Side)
UVHL
VCC = 15 V
10.0
12.0
V
UVHH
10.5
12.5
V
Undervoltage Lock Out (Low Side)
UVLL
VCC = 15 V
10.5
12.5
V
UVLH
11.0
13.0
V
FO Terminal Output Voltage
VFOL
VCC = 15 V, VFO = 5 V, RFO = 10 kΩ
0.5
V
VFOH
4.8
V
Overcurrent Protection Trip Voltage
VTRIP
VCC = 15 V
0.46
0.50
0.54
V
Overcurrent Protection Hold Time
tP
VCC = 15 V, CFO = 0.0022 μF2
ms
Blanking Time
tblank
VCC = 15 V
2
μs
IGBT Breakdown Voltage
VCES
VCC = 15 V, IC = 250 μA, VIN = 0 V
600
V
IGBT Leakage Current
ICES
VCC = 15 V, VCE = 600 V, VIN = 0 V
1
mA
IGBT Saturation Voltage
VCE(sat)
VCC = 15 V, IC = 5 A, VIN = 5 V
1.7
2.1
V
Diode Forward Voltage
VF
VCC = 15 V, IF = 10 A, VIN = 0 V
1.4
2.0
V
Diode Recovery Time (Bootstrap)
trr
IF / IRP = 100 mA/100 mA
70
ns
Diode Leakage Current (Boot Strap)
IIB
VR = 600 V
5
10
μA
Diode Forward Voltage (Boot Strap)
VFB
IF = 0.15 A
1.1
1.3
V
Diode Series Resistor (Boot Strap)
RB
17.6
22.0
26.4
Ω
High Side Switching Time
tdH(on)
VDC = 300 V, VCC = 15 V, IC = 5 A, inductive load;
HIN = 0
5 V or 50 V
340
ns
trH
–60–
ns
trrH
–80–
ns
tdH(off)
430
ns
tfH
240
ns
Low Side Switching Time
tdL(on)
VDC = 300 V, VCC = 15 V, IC = 5 A, inductive load;
LIN = 0
5 V or 50 V
380
ns
trL
–90–
ns
trrL
100
ns
tdL(off)
500
ns
tfL
220
ns
Input Output Truth Table
HIN
LIN
OUT
L
L
High Z
LH
L
HL
H
H
H
High Z
High Z = High Impedance
VIN
10%
90%
IC
VCE
10%
90%
t(off)
tf
tr
trr
td(off)
t(on)
td(on)
Switching Timing Definitions
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - SCM-1103M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1101MF ALLEGRO-SCM-1101MF Datasheet
419Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1104MF ALLEGRO-SCM-1104MF Datasheet
419Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SCM-1103M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com