Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK605PG Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LNK605PG
Description  Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK605PG Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LNK605PG Datasheet HTML 6Page - Power Integrations, Inc. LNK605PG Datasheet HTML 7Page - Power Integrations, Inc. LNK605PG Datasheet HTML 8Page - Power Integrations, Inc. LNK605PG Datasheet HTML 9Page - Power Integrations, Inc. LNK605PG Datasheet HTML 10Page - Power Integrations, Inc. LNK605PG Datasheet HTML 11Page - Power Integrations, Inc. LNK605PG Datasheet HTML 12Page - Power Integrations, Inc. LNK605PG Datasheet HTML 13Page - Power Integrations, Inc. LNK605PG Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Rev. F 01/10
10
LNK603-606/613-616
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = 0 to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Output
ON-State
Resistance
R
DS(ON)
LNK6X3
I
D = 50 mA
T
J = 25 °C
24
28
W
T
J = 100 °C
36
42
LNK6X4
I
D = 50 mA
T
J = 25 °C
24
28
T
J = 100 °C
36
42
LNK6X5
I
D = 62 mA
T
J = 25 °C
16
19
T
J = 100 °C
24
28
LNK6X6
I
D = 82 mA
T
J = 25 °C
9.6
11
T
J = 100 °C
14
17
OFF-State
Leakage
I
DSS1
V
DS = 560 V See Figure 20
T
J = 125 °C See Note 3
50
mA
I
DSS2
V
DS = 375 V See Figure 20
T
J = 50 °C
15
Breakdown
Voltage
BV
DSS
T
J = 25 °C
See Figure 20
700
V
DRAIN Supply
Voltage
50
V
Auto-Restart
ON-Time
t
AR-ON
t
ON × IFB = 2 mA-ms, fOSC = 12 kHz
V
FB = 0
See Notes 1, 5
450
ms
Auto-Restart
OFF-Time
t
AR-OFF
1.2
2
s
Open-Loop
FEEDBACK Pin
Current Threshold
I
OL
See Note 5
-120
mA
Open-Loop
ON-Time
See Note 5
90
ms
NOTES:
1. Auto-restart ON-time is a function of switching frequency programmed by t
onx IFB and minimum frequency in CC mode.
2. The current limit threshold is compensated to cancel the effect of current limit delay. As a result the output current stays constant
across the input line range.
3. I
DSS1 is the worst case OFF state leakage specification at 80% of BVDSS and maximum operating junction temperature. IDSS2 is a
typical specification under worst case application conditions (rectified 265 VAC) for no-load consumption calculations.
4. When the duty-cycle exceeds DC
MAX the LinkSwitch-II operates in on-time extension mode.
5. This parameter is derived from characterization.
6. Mechanical stress induced during the assembly may cause shift in this parameter. This shift has no impact on the ability of
LinkSwitch-II to meet ±10% in mass production given the design follows recommendation in AN-44 and good manufacturing practice
7. The switching frequency is programmable between 60 kHz and 85 kHz.


Similar Part No. - LNK605PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK605PG-TL POWERINT-LNK605PG-TL Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK605PG-TL POWERINT-LNK605PG-TL Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results

Similar Description - LNK605PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
   Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com