Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6672A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDD6672A
Description  30V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6672A Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDD6672A Datasheet HTML 1Page - Fairchild Semiconductor FDD6672A Datasheet HTML 2Page - Fairchild Semiconductor FDD6672A Datasheet HTML 3Page - Fairchild Semiconductor FDD6672A Datasheet HTML 4Page - Fairchild Semiconductor FDD6672A Datasheet HTML 5Page - Fairchild Semiconductor FDD6672A Datasheet HTML 6Page - Fairchild Semiconductor FDD6672A Datasheet HTML 7Page - Fairchild Semiconductor FDD6672A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TO-252 Tape and Reel Data and Package Dimensions
July 1999, Rev. A
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
164mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
4.00
100
0.646 +0.078/-0.000
16.4 +2/0
0.882
22.4
0.626 – 0.764
15.9 – 19.4
See detail AA
Dim A
max
13" Diameter Option
Dim A
Max
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
10 deg maximum component rotation
0.9mm
maximum
0.9mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
10 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
D-PAK (TO-252) Embossed Carrier
Tape Configuration: Figure 3.0
D-PAK (TO-252) Reel
Configuration: Figure 4.0
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
TO252
(24mm)
6.90
+/-0.10
10.50
+/-0.10
16.0
+/-0.3
1.55
+/-0.05
1.5
+/-0.10
1.75
+/-0.10
14.25
min
7.50
+/-0.10
8.0
+/-0.1
4.0
+/-0.1
2.65
+/-0.10
0.30
+/-0.05
13.0
+/-0.3
0.06
+/-0.02


Similar Part No. - FDD6672A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6672A FAIRCHILD-FDD6672A Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6672A ISC-FDD6672A Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results

Similar Description - FDD6672A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com