Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40CTQ045SPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 40CTQ045SPBF
Description  Schottky Rectifier, 2 x 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40CTQ045SPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  40CTQ045SPBF Datasheet HTML 1Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 2Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 3Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 4Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 5Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 6Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 7Page - Vishay Siliconix 40CTQ045SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94213
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 15-Mar-10
3
VS-40CTQ045SPbF, VS-40CTQ045-1PbF
Schottky Rectifier, 2 x 20 A Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
1
100
10
1000
VFM - Forward Voltage Drop (V)
0.2
0.4
0.6
0.8
1.0
1.4
1.2
1.8
0
1.6
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.001
1
10
100
0.1
0.01
1000
VR - Reverse Voltage (V)
10
515
20
40
45
25
30
35
0
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
100
1000
10 000
VR - Reverse Voltage (V)
20
10
30
40
50
0
T
J = 25 °C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
10
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
100


Similar Part No. - 40CTQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CTQ045SPBF VISHAY-40CTQ045SPBF Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CTQ045SPBF VISHAY-40CTQ045SPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
40CTQ045SPBF VISHAY-40CTQ045SPBF_10 Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
More results

Similar Description - 40CTQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 13-Aug-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
STPS40L15CWPBF VISHAY-STPS40L15CWPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
MBR40L15CWPBF VISHAY-MBR40L15CWPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 14-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF_12 Datasheet
165Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40CTQ150PBF VISHAY-40CTQ150PBF_12 Datasheet
154Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 26-Aug-11
40L4.CWPBF VISHAY-40L4.CWPBF Datasheet
585Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
MBR4060WTPBF VISHAY-MBR4060WTPBF_12 Datasheet
170Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 30-Aug-11
VS-40CPQ100PBF VISHAY-VS-40CPQ100PBF Datasheet
704Kb / 7P
   Schottky Rectifier, 2 x 20 A
Revision: 11-Oct-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com