Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS6714 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPS6714
Description  One Watt Amplifier Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS6714 Datasheet(HTML) 1 Page - Motorola, Inc

  MPS6714 Datasheet HTML 1Page - Motorola, Inc MPS6714 Datasheet HTML 2Page - Motorola, Inc MPS6714 Datasheet HTML 3Page - Motorola, Inc MPS6714 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
One Watt Amplifier Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
MPS6714
MPS6715
VCEO
30
40
Vdc
Collector – Base Voltage
MPS6714
MPS6715
VCBO
40
50
Vdc
Emitter – Base Voltage
VEBO
5.0
Vdc
Collector Current — Continuous
IC
1.0
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
2.5
20
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
125
°C/W
Thermal Resistance, Junction to Case
RqJC
50
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = 10 mAdc, IB = 0)
MPS6714
MPS6715
V(BR)CEO
30
40
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MPS6714
MPS6715
V(BR)CBO
40
50
Vdc
Emitter – Base Breakdown Voltage
(IE = 100 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 40 Vdc, IE = 0)
MPS6714
(VCB = 50 Vdc, IE = 0)
MPS6715
ICBO
0.1
0.1
µAdc
Emitter Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
0.1
µAdc
1. Pulse Test: Pulse Width
v 30 ms; Duty Cycle v 2.0%.
Order this document
by MPS6714/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPS6714
MPS6715
CASE 29–05, STYLE 1
TO–92 (TO–226AE)
1
2
3
© Motorola, Inc. 1997
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPS6714

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6717 MOTOROLA-MPS6717 Datasheet
101Kb / 4P
   One Watt Amplifier Transistor
logo
ON Semiconductor
MPS6717 ONSEMI-MPS6717 Datasheet
65Kb / 4P
   One Watt Amplifier Transistor NPN Silicon
February, 2006 ??Rev. 2
MPS6717G ONSEMI-MPS6717G Datasheet
65Kb / 4P
   One Watt Amplifier Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Motorola, Inc
MPS6717RLRA MOTOROLA-MPS6717RLRA Datasheet
101Kb / 4P
   One Watt Amplifier Transistor
logo
ON Semiconductor
MPS6717RLRA ONSEMI-MPS6717RLRA Datasheet
65Kb / 4P
   One Watt Amplifier Transistor NPN Silicon
February, 2006 ??Rev. 2
More results

Similar Description - MPS6714

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW05 MOTOROLA-MPSW05 Datasheet
138Kb / 4P
   One Watt Amplifier Transistors
logo
ON Semiconductor
MPS6726 ONSEMI-MPS6726_10 Datasheet
99Kb / 4P
   One Watt Amplifier Transistors
August, 2010 ??Rev. 4
logo
Motorola, Inc
MPSW55 MOTOROLA-MPSW55 Datasheet
141Kb / 4P
   One Watt Amplifier Transistors
logo
ON Semiconductor
MPSW05 ONSEMI-MPSW05_10 Datasheet
102Kb / 4P
   One Watt Amplifier Transistors
August, 2010 ??Rev. 4
logo
Motorola, Inc
BDB01C MOTOROLA-BDB01C Datasheet
132Kb / 4P
   One Watt Amplifier Transistors
BDB02C MOTOROLA-BDB02C Datasheet
137Kb / 4P
   One Watt Amplifier Transistors
logo
ON Semiconductor
MPSW55 ONSEMI-MPSW55_10 Datasheet
103Kb / 4P
   One Watt Amplifier Transistors
August, 2010 ??Rev. 4
MPSW05 ONSEMI-MPSW05 Datasheet
101Kb / 4P
   One Watt Amplifier Transistors(NPN Silicon)
1996
MPSW55 ONSEMI-MPSW55 Datasheet
104Kb / 4P
   One Watt Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
MPSW63 MOTOROLA-MPSW63 Datasheet
153Kb / 4P
   One Watt Darlington Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com