Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ372NZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDZ372NZ
Description  N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ372NZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDZ372NZ Datasheet HTML 1Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 2Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 3Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 4Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 5Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 6Page - Fairchild Semiconductor FDZ372NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.fairchildsemi.com
5
©2010 Fairchild Semiconductor Corporation
FDZ372NZ Rev.C2
Figure 12. Junction-to-Ambient Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
2
SINGLE PULSE
RθJA = 260
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDZ372NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
More results

Similar Description - FDZ372NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ192NZ FAIRCHILD-FDZ192NZ Datasheet
309Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET 20 V, 5.3 A, 39 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ197PZ FAIRCHILD-FDZ197PZ Datasheet
294Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.8 A, 64 m廓
FDZ191P_0612 FAIRCHILD-FDZ191P_0612 Datasheet
304Kb / 7P
   P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
FDMA410NZ FAIRCHILD-FDMA410NZ Datasheet
315Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.5 A, 23 m廓
FDMA7628 FAIRCHILD-FDMA7628 Datasheet
248Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.4 A, 14.5 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com