Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBRF1060 Datasheet(PDF) 1 Page - First Components International

Part # FBRF1060
Description  10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FBRF1060 Datasheet(HTML) 1 Page - First Components International

  FBRF1060 Datasheet HTML 1Page - First Components International FBRF1060 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings And Electrical Characteristics (Ta=25℃)
FBRF10
Parameters
Symbol
20
30
40
45
50
60
80
100
Average forward current, Io at Tc =104℃
60Hz, Resistive or Inductive Load
IF
10A
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
V RWM
DC Blacking Voltage
VDC
Forward Voltage @IF= 5A
VF
0.55V
0.65V
0.75V 0.85V
Non-Peak Forward Surge Current, @Rated
Load Conditions 8.3mS 1/2 Sine-Wave
IFMS
125A
Repetitive Peak Reverse Surge Current
IRSM
0.5A
Max. Reverse Current IR At Rated DC
Reverse Voltage. Tc =25/125℃
IR
5.0mA
50mA
Typical thermal Resistance,
RθJC
2℃/W
Operating and Storage Temperature Range
To/Ts
-65 to +150℃/-65 to +175℃
Data Sheet
10 Amp High Voltage
SCHOTTKY BARRIER
RECTIFIERS
Description
Mechanical Dimensions
.50
.14
.25
.100
.225 Min
.10
.39 .42
.620
Features
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n SUPERIOR METAL PROCESS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
ITO-220AB
Dimension in Inch
NOTES︰ 1.PULSE TEST: 300µS PULSE WIDTH, 1% DUTY CYCLE
PIN 1
PIN 3
PIN 2
CASE
20
30
40
45
50
60
80
100
20
30
40
45
50
60
80
100
20
30
40
45
50
60
80
100


Similar Part No. - FBRF1060

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBRF10200 FCI-FBRF10200 Datasheet
194Kb / 2P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBRF1060

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBR10200 FCI-FBR10200 Datasheet
757Kb / 3P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
FBRF10200 FCI-FBRF10200 Datasheet
194Kb / 2P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
FBR1080 ETC1-FBR1080 Datasheet
153Kb / 4P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
FBR1060 FCI-FBR1060 Datasheet
139Kb / 2P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP1060 SECOS-SP1060_11 Datasheet
262Kb / 2P
   Voltage 60V 10 Amp Schottky Barrier Rectifiers
logo
Microsemi Corporation
MS1002 MICROSEMI-MS1002 Datasheet
131Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SRF10150CT GWSEMI-SRF10150CT Datasheet
70Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR10150S SECOS-SR10150S_15 Datasheet
240Kb / 2P
   10 Amp Schottky Barrier Rectifiers
SM10150C SECOS-SM10150C_15 Datasheet
255Kb / 2P
   10 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1680 UNIOHM-SR1680 Datasheet
69Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com