Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBRF1520 Datasheet(PDF) 1 Page - First Components International

Part # FBRF1520
Description  15 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FBRF1520 Datasheet(HTML) 1 Page - First Components International

  FBRF1520 Datasheet HTML 1Page - First Components International FBRF1520 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
De s c ription
F e a ture s
Me c ha nic a l Dim e ns ions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
P a ge 7 -2 0
Units
............................................. 10 ...............................................
............................................. 1 5 ...............................................
............................................. 150 ...............................................
............................................. 1. 0 ...............................................
......................................... -50 to 125 ..........................................
......................................... -50 to 125 ..........................................
..............................0.55 ..............
.......0.75 ......
.......0.85 ...
.
..
............................................
0.5
.
...............................................
............................................. 50 ...............................................
............................................. 3. 0 ...............................................
............................................. 6 0 ...............................................
Volts
Volts
Volts
Amps
Amps
Amps
Amps
°C
°C
Volts
mAmps
mAmps
°C / W
°C / W
n H I G H C U R R E N T C A PA B I L I T Y W /L O W V
F
n H I G H E F F I C I E N C Y w /L O W P O W E R L O S S
n H I G H S U R G E V O LT A G E A N D
T R A N S I E N T P R O T E C T I O N
n C E N T E R T A P C O N F I G U R AT I O N
n 1 5 0
°C OP E R AT IN G J U N C T ION
T E M P E R AT U R E
n ME E T S U L S P E C I F I C AT I O N 9 4 V -0
2 0
3 0
4 0
5 0
6 0
8 0
1 0 0
1 4
2 1
2 8
3 5
4 2
5 6
7 0
2 0
3 0
4 0
5 0
6 0
8 0
1 0 0
Average Forward Rectified Current...I
F(AV)
@ T
C = 90 °C
Repetitive Peak Forward Surge Current...I
FM
T
C = 105°C (Rated VR, 8.3MS SINGLE HALF SINE -WAVE)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ RatedLoadConditions, ½ Wave, SinglePhase, 60Hz
Repetitive Peak Reverse Surge Current...I
RSM
2
µs, 1.0 kHz
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C = 25°C
T
C =100°C
Thermal Resistance, Junction to Case...R
θJC
Thermal Resistance, Junction to Ambient...R
θJA
IT0-220AB
1
3
2
Common Anode Suffix ‘‘A’’
CASE
1
3
2
Common Cathode Suffix ‘‘C’’
CASE
Electrical Characteristics
FB R F15 20
30 40 50 60 80 1 00
AT 5.0A PER ELEMENT
Data Sheet
15 Amp SCHOTTKY
BARRIER RECTIFIERS
DIMENSION IN MM


Similar Part No. - FBRF1520

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBRF10100 FCI-FBRF10100 Datasheet
981Kb / 2P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
FBRF1020 FCI-FBRF1020 Datasheet
981Kb / 2P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
FBRF10200 FCI-FBRF10200 Datasheet
194Kb / 2P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
FBRF1030 FCI-FBRF1030 Datasheet
981Kb / 2P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
FBRF1040 FCI-FBRF1040 Datasheet
981Kb / 2P
   10 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBRF1520

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SR735 FCI-SR735 Datasheet
155Kb / 2P
   7.5 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SR830 FCI-SR830 Datasheet
189Kb / 2P
   8.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
SR520 FCI-SR520 Datasheet
129Kb / 1P
   5.0 Amp SCHOTTKY BARRIER RECTIFIERS MEETS UL SPECIFICATION 94V-0
logo
TT Electronics.
MOM TTELEC-MOM Datasheet
137Kb / 1P
   coating meets ul-94v-0
logo
SeCoS Halbleitertechnol...
SP10100S SECOS-SP10100S Datasheet
308Kb / 2P
   1 0 .0 AMP Schottky Barrier Rectifiers
SP10100S SECOS-SP10100S_15 Datasheet
308Kb / 2P
   1 0 .0 AMP Schottky Barrier Rectifiers
logo
First Components Intern...
FBR1535 FCI-FBR1535 Datasheet
122Kb / 2P
   15 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP1560 SECOS-SP1560 Datasheet
270Kb / 2P
   15 Amp Schottky Barrier Rectifiers
SP1560 SECOS-SP1560_15 Datasheet
270Kb / 2P
   15 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR1520D GWSEMI-SR1520D Datasheet
67Kb / 2P
   15 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com