Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS86201 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMS86201
Description  N-Channel PowerTrench짰 MOSFET 120 V, 35 A, 11.5 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86201 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMS86201 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 6Page - Fairchild Semiconductor FDMS86201 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.fairchildsemi.com
5
FDMS86201 Rev. C B
Preliminary Datasheet
Figure 13.
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
SINGLE PULSE
RTJA = 125
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZTJA x RTJA + TA
Junction-to-Ambient Transient Thermal Response Curve
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMS86201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86200 FAIRCHILD-FDMS86200 Datasheet
319Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 49 A, 18 m廓
FDMS86200DC FAIRCHILD-FDMS86200DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com