Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC86102LZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMC86102LZ
Description  N-Channel Power Trench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC86102LZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMC86102LZ Datasheet HTML 1Page - Fairchild Semiconductor FDMC86102LZ Datasheet HTML 2Page - Fairchild Semiconductor FDMC86102LZ Datasheet HTML 3Page - Fairchild Semiconductor FDMC86102LZ Datasheet HTML 4Page - Fairchild Semiconductor FDMC86102LZ Datasheet HTML 5Page - Fairchild Semiconductor FDMC86102LZ Datasheet HTML 6Page - Fairchild Semiconductor FDMC86102LZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2011 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FDMC86102LZ Rev. C
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
100
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
71
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 80 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±10
μA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
1.0
1.6
2.2
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 6.5 A
19
24
m
Ω
VGS = 4.5 V, ID = 5.5 A
25
35
VGS = 10 V, ID = 6.5 A, TJ = 125 °C
31
40
gFS
Forward Transconductance
VDS = 5 V, ID = 6.5 A
24
S
Ciss
Input Capacitance
VDS = 50 V, VGS = 0 V,
f = 1 MHz
969
1290
pF
Coss
Output Capacitance
181
240
pF
Crss
Reverse Transfer Capacitance
9
15
pF
Rg
Gate Resistance
0.4
Ω
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 6.5 A,
VGS = 10 V, RGEN = 6 Ω
7.1
15
ns
tr
Rise Time
2.3
10
ns
td(off)
Turn-Off Delay Time
19
35
ns
tf
Fall Time
2.5
10
ns
Qg(TOT)
Total Gate Charge
VGS = 0 V to 10 V
VDD = 50 V,
ID = 6.5 A
15.3
22
nC
Qg(TOT)
Total Gate Charge
VGS = 0 V to 4.5 V
7.6
11
nC
Qgs
Total Gate Charge
2.4
nC
Qgd
Gate to Drain “Miller” Charge
2.5
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 6.5 A
(Note 2)
0.80
1.3
V
VGS = 0 V, IS = 2 A
(Note 2)
0.72
1.2
trr
Reverse Recovery Time
IF = 6.5 A, di/dt = 100 A/μs
42
67
ns
Qrr
Reverse Recovery Charge
40
64
nC
NOTES:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. Starting TJ = 25 °C; N-ch: L = 1 mH, IAS = 13 A, VDD = 90 V, VGS = 10 V.
4. The diode connected between gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
53 °C/W when mounted on a
1 in2 pad of 2 oz copper
a.
125 °C/W when mounted on
a minimum pad of 2 oz copper
b.


Similar Part No. - FDMC86102LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86102 FAIRCHILD-FDMC86102 Datasheet
349Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
FDMC86102 FAIRCHILD-FDMC86102_12 Datasheet
283Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 20 A, 24 m廓
More results

Similar Description - FDMC86102LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDB42AN15_F085 FAIRCHILD-FDB42AN15_F085 Datasheet
350Kb / 6P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDD9410-F085 ONSEMI-FDD9410-F085 Datasheet
706Kb / 7P
   N-Channel Power Trench짰 MOSFET
August-2017, Rev3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMS5360L-F085 ONSEMI-FDMS5360L-F085 Datasheet
854Kb / 6P
   N-Channel Power Trench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDBL0630N150 FAIRCHILD-FDBL0630N150 Datasheet
501Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDD120AN15_F085 FAIRCHILD-FDD120AN15_F085 Datasheet
365Kb / 6P
   N-Channel Power Trench짰 MOSFET
FDMC7692 FAIRCHILD-FDMC7692_10 Datasheet
215Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86240 FAIRCHILD-FDMC86240 Datasheet
321Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC7678 FAIRCHILD-FDMC7678 Datasheet
260Kb / 7P
   N-Channel Power Trench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com