Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1112DX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN1112DX
Description  1A 1.2V Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1112DX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN1112DX Datasheet HTML 1Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 2Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 3Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 4Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 5Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 6Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 7Page - Fairchild Semiconductor FAN1112DX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRODUCT SPECIFICATION
FAN1112
4
REV. 1.0.1 9/27/01
Typical Performance Characteristics
1.5
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
1.225
1.220
1.215
1.210
1.205
1.200
1.195
1.190
1.185
1.180
1.175
0
0
0.6
0.8
0.4
0.2
OUTPUT CURRENT (A)
JUNCTION TEMPERATURE (
°C)
JUNCTION TEMPERATURE (
°C)
100
90
80
70
60
50
40
30
20
10
0
5
4
3
2
1
0
1.0
-75 -50 -25 0
25 50 75 100 125 150 175
-75 -50 -25 0
25 50 75 100 125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
TJ = 125°C
TJ = 0°C
TJ = 25°C
∆I = 1A
2.0
1.75
1.5
1.25
1.0
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
Figure 2. Dropout Voltage vs. Output Current
Figure 3. Load Regulation vs. Temperature
Figure 4. Reference Voltage vs. Temperature
Figure 5. Minimum Load Current vs. Temperature
Figure 6. GND Pin Current vs. Temperature
Figure 7. Short-Circuit Current vs. Temperature


Similar Part No. - FAN1112DX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1112D FAIRCHILD-FAN1112D Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
More results

Similar Description - FAN1112DX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com