Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR1640 Datasheet(PDF) 1 Page - First Components International

Part # FBR1640
Description  16 Amp SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FBR1640 Datasheet(HTML) 1 Page - First Components International

  FBR1640 Datasheet HTML 1Page - First Components International FBR1640 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Pulse Test 0.5 ms, Duty Cycle 1/40
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
Page 7-26
30
35
40
45
30
35
40
45
30
35
40
45
Data Sheet
16 Amp SCHOTTKY
BARRIER RECTIFIERS
Units
............................................. 16 ...............................................
............................................. 200 ...............................................
......................................... -40 to 125 ..........................................
......................................... + 125 ..........................................
............................................. .55 ...............................................
............................................. 3.0 ...............................................
............................................. 3.0 ...............................................
Volts
Volts
Volts
Amps
Amps
°C
°C
Volts
mAmps
°C / W
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n HIGH EFFICIENCY w/LOW POWER LOSS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
Average Forward Rectified Current...I
o
@ T
c = 110°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Conditions, Sinosoidal Wave,
60Hz, 1 Cycle, T
J = 125°C
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage @ 8.0 Amps...V
F
Maximum DC Reverse Current (@ V
R = VRM)...IR
@ Rated DC Blocking Voltage
Thermal Resistance, Junction to Case...R
θJC
JEDEC
T0-220AB
1
3
Case
2
1
3
2
Common Anode Suffix ‘‘A’’
CASE
1
3
2
Common Cathode Suffix ‘‘C’’
CASE
Electrical Characteristics
FBR1630....1645 Series
FBR1630 FBR1635
FBR1640 FBR1645


Similar Part No. - FBR1640

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBR1645 FCI-FBR1645 Datasheet
133Kb / 2P
   16 Amp SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - FBR1640

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FBR1635 FCI-FBR1635 Datasheet
133Kb / 2P
   16 Amp SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
MS1650 MICROSEMI-MS1650 Datasheet
134Kb / 2P
   16 Amp Schottky Barrier Rectifiers
logo
DIOTEC Electronics Corp...
16SK40 DEC-16SK40 Datasheet
423Kb / 2P
   16 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SR1630 FCI-SR1630 Datasheet
139Kb / 2P
   16 Amp SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
SBDR-1601-1B DEC-SBDR-1601-1B Datasheet
425Kb / 2P
   16 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
FBR1650 FCI-FBR1650 Datasheet
133Kb / 2P
   16 Amp SCHOTTKY BARRIER RECTIFIERS
logo
DIOTEC Electronics Corp...
SK1640C DEC-SK1640C Datasheet
403Kb / 2P
   16 AMP SCHOTTKY BARRIER RECTIFIERS
SBDT-1600-1B DEC-SBDT-1600-1B Datasheet
405Kb / 2P
   16 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Central Semiconductor C...
TO-220FP CENTRAL-TO-220FP Datasheet
519Kb / 2P
   8&16 Amp Schottky Rectifiers
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
   2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com