Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXZ84C43 Datasheet(PDF) 1 Page - First Components International

Part # BXZ84C43
Description  350 mW ZENER DIODES (2.7V to 51V) 5 VOLTAGE TOLERANCE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BXZ84C43 Datasheet(HTML) 1 Page - First Components International

  BXZ84C43 Datasheet HTML 1Page - First Components International BXZ84C43 Datasheet HTML 2Page - First Components International BXZ84C43 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Features
n 5% VOLTAGE TOLERANCE
Mechanical Dimensions
n WIDE VOLTAGE RANGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
BZX84C2V7 . . . 51 Series
Data Sheet
350 mW ZENER DIODES
(2.7V to 51V)
Units
DC Power Dissipation ...P
D
Forward Voltage @ I
F = 10mA...VF
Thermal Resistance, Junction to Ambient...R
θJA
Operating & Storage Temperature Range...T
J, TSTRG
............................................. 350 ...............................................
............................................. 0.9 ...............................................
............................................. 420 ...............................................
........................................ -65 to 150 .........................................
mW
V
o
C/W
o
C
2
1
3
Page 10-44
.110
.060
.037
.037
.115
.016
.043
.004
.016
2
1
3


Similar Part No. - BXZ84C43

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BXZ84C43 FCI-BXZ84C43 Datasheet
111Kb / 2P
   350 mW ZENER DIODES (2.7V to 51V)
More results

Similar Description - BXZ84C43

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZX84C2V7 FCI-BZX84C2V7 Datasheet
111Kb / 2P
   350 mW ZENER DIODES (2.7V to 51V)
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
   350 mW ZENER DIODE 5% TOLERANCE
logo
Vishay Siliconix
BZX84C2V7 VISHAY-BZX84C2V7 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Central Semiconductor C...
CMSZ5221B CENTRAL-CMSZ5221B Datasheet
164Kb / 2P
   250 mW ZENER DIODE 5% TOLERANCE
logo
Chenmko Enterprise Co. ...
BZX79C2V7PT CHENMKO-BZX79C2V7PT Datasheet
125Kb / 3P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V
logo
Taiwan Semiconductor Co...
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
logo
Micro Commercial Compon...
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
   350 mW Zener Diode 2.4 to 39 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
   350 mW Zener Diode 4.3 to 51 Volts
logo
Chenmko Enterprise Co. ...
BZX85C2V7PT CHENMKO-BZX85C2V7PT Datasheet
139Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com