Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2100LL-561-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2100LL-561-RC
Description  Low Core Loss, High Current Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2100LL-561-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2100LL-561-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.3
Low Core Loss, High Current Toroid Inductors
Special Features
• Low core loss
• Low magnetic radiation
• High current capacity
• Horizontal or vertical mount available
• Operating temperature: -55 to +125 °C
Typical Applications
• Switch mode power supplies
• DC/DC converters
• Output chokes
• EMI filters
Notes
* Rated Idc causes a 30 °C temperature rise
** Insert -H or -V for mounting style before -RC
Example: 2100LL-100-H-RC
2100LL Series
Part
Number **
L (µH)
± 20 %
@ 1 KHz
Idc*
(A)
L (µH)
±20 %
@ I rated
DCR
(Ω)
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
2100LL-1R0-RC
1.0
21.4
0.8
0.002
0.37
0.80
0.053
2100LL-1R5-RC
1.5
18.5
1.1
0.003
0.37
0.80
0.053
2100LL-2R2-RC
2.2
16.5
1.5
0.003
0.37
0.80
0.053
2100LL-3R3-RC
3.3
15.1
2.1
0.003
0.37
0.80
0.053
2100LL-4R7-RC
4.7
14.0
2.9
0.003
0.37
0.80
0.053
2100LL-5R6-RC
5.6
13.1
3.3
0.004
0.37
0.80
0.053
2100LL-6R8-RC
6.8
12.3
3.9
0.004
0.37
0.80
0.053
2100LL-8R2-RC
8.2
11.7
4.5
0.005
0.37
0.80
0.053
± 15 %
± 15 %
2100LL-100-RC
10
11.4
5.2
0.005
0.37
0.80
0.053
2100LL-120-RC
12
10.9
6.1
0.006
0.37
0.80
0.053
2100LL-150-RC
15
10.5
7.3
0.006
0.37
0.80
0.053
2100LL-180-RC
18
10.1
8.5
0.007
0.37
0.80
0.053
2100LL-220-RC
22
7.5
11.8
0.012
0.35
0.78
0.042
2100LL-270-RC
27
7.3
14.2
0.012
0.35
0.78
0.042
2100LL-330-RC
33
6.9
16.6
0.014
0.35
0.78
0.042
2100LL-390-RC
39
6.6
18.8
0.015
0.35
0.78
0.042
2100LL-470-RC
47
5.2
25.3
0.024
0.33
0.76
0.034
2100LL-560-RC
56
5.0
29.3
0.026
0.33
0.76
0.034
2100LL-680-RC
68
4.7
34.0
0.030
0.40
0.76
0.034
2100LL-820-RC
82
4.6
39.9
0.032
0.40
0.76
0.034
2100LL-101-RC
100
4.3
46.2
0.036
0.40
0.76
0.034
2100LL-121-RC
120
4.1
53.5
0.039
0.40
0.76
0.034
2100LL-151-RC
150
3.9
63.8
0.043
0.40
0.76
0.034
2100LL-181-RC
180
3.7
73.3
0.048
0.40
0.76
0.034
2100LL-221-RC
220
3.5
85.1
0.053
0.40
0.76
0.034
2100LL-271-RC
270
2.7
124.2
0.093
0.37
0.74
0.027
2100LL-331-RC
330
2.5
145.1
0.103
0.37
0.74
0.027
2100LL-391-RC
390
2.4
165.4
0.112
0.37
0.74
0.027
2100LL-471-RC
470
2.3
190.1
0.124
0.38
0.76
0.027
2100LL-561-RC
560
2.2
217.9
0.134
0.38
0.76
0.027
2100LL-681-RC
680
2.1
251.9
0.147
0.38
0.76
0.027
2100LL-821-RC
820
1.6
361.6
0.257
0.37
0.75
0.022
2100LL-102-RC
1000
1.5
421.5
0.284
0.37
0.75
0.022
0.86
Max.
0.45
C
A
B
Vertical
Horizontal
Max.
C
0.45
Max.
0.86
Max.
0.50
Tin lead to coil
Tin lead to coil
0.50
Dimensions: Inches
† RoHS Directive 2002/95/EC Jan 27, 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 01/11


Similar Part No. - 2100LL-561-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2100LL-151-H-RC BOURNS-2100LL-151-H-RC Datasheet
90Kb / 1P
   Low Core Loss, High Current Toroid Inductors
More results

Similar Description - 2100LL-561-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2100LL-151-H-RC BOURNS-2100LL-151-H-RC Datasheet
90Kb / 1P
   Low Core Loss, High Current Toroid Inductors
2300LL-1R5-RC BOURNS-2300LL-1R5-RC Datasheet
480Kb / 1P
   Low Core Loss, High Current Toroid Inductors
2200LL-1R0-RC BOURNS-2200LL-1R0-RC Datasheet
438Kb / 1P
   Low Core Loss, High Current Toroid Inductors
logo
Central Technologies
CT8645LLF CT-CT8645LLF Datasheet
213Kb / 1P
   Low Core Loss, High Current Toroid Inductors
logo
Allied Components Inter...
TC210LL ALLIED-TC210LL Datasheet
1Mb / 1P
   Low Loss High Current Toroid Choke
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com