Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC655AN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDC655AN
Description  Single N-Channel, Logic Level, PowerTrenchTM MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC655AN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDC655AN Datasheet HTML 1Page - Fairchild Semiconductor FDC655AN Datasheet HTML 2Page - Fairchild Semiconductor FDC655AN Datasheet HTML 3Page - Fairchild Semiconductor FDC655AN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FDC655AN Rev.B
0
1
2
3
0
5
10
15
20
25
V
, DRAIN-SOURCE VOLTAGE (V)
V
= 10V
GS
3.5V
4.5V
2.5V
DS
6.0V
3.0V
0
5
10
15
20
25
0.5
1
1.5
2
I , DRAIN CURRENT (A)
V
= 3.5V
GS
10V
4.0V
4.5V
D
7.0V
5.0V
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
5
20
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
A
25°C
-55°C
V
= 0V
GS
SD
Figure 6. Body Diode Forward Voltage
Variation with Source
Current
Figure 4. On-Resistance Variation with
Gate-To-Source Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 10 V
GS
I = 6.3 A
D
2
4
6
8
10
0
0.02
0.04
0.06
0.08
0.1
V
, GATE TO SOURCE VOLTAGE (V)
GS
T = 25°C
A
I = 3.2A
D
T = 125°C
A
T = -55°C
A
1
2
3
4
5
0
5
10
15
20
25
V
, GATE TO SOURCE VOLTAGE (V)
GS
25°C
125°C
V
= 5V
DS


Similar Part No. - FDC655AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
More results

Similar Description - FDC655AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com