Electronic Components Datasheet Search |
|
S8JX-G01515D Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
S8JX-G01515D Datasheet(HTML) 3 Page - Omron Electronics LLC |
3 / 4 page Use Screw or DIN Rail Mounting Even with 300-W Models Two Mounting Methods for Simple Installation In addition to front mounting and top mounting, you can mount models up to 300-W to DIN Rail for simple installation that reduces installation work. *Only screw mounting is possible for 600-W models *Use a steel DIN Rail for 300-W Power Supplies. The thermal design and circuit design of the 300-W models were improved to achieve a fan-free structure. This eliminates the need to replace fans every few years and greatly reduces the risk of lowering the insulation resistance due to dust drawn in by the fan. *The 600-W models have fans. The S8JX Power Supplies have a shorter body than OMRON’s S82J Power Supplies. This allows them to fit into tighter spots to contribute to smaller, thinner control panels and devices in this age where functionality and mounting density continue to increase. The Shortest Body Class in the Industry Contributes to Thinner Panels *For 50-W model with front mounting. (Comparison to Previous OMRON Models) 145 mm 110mm lim imple Voltage Specifications from 5 V to 48 V More Output Voltage Specifications for an Expanded Lineup S S electable S Application is now possible with 48-V equipment. More Applications mooth S You can handle more applications smoothly, including motor drive and power supply systems. Models with Covers Open-frame Models Models with Covers Open-frame Models Models with Covers Open-frame Models 15W / 35W 50W 100W / 150W 300W 600W Models with Covers Models with Covers 5v 12v 15v 24v 48v 15w 35w 50w 100w 150w 300w 600w Easy mounting from the top with screws. Screw Mounting from Top Compact right-angle mounting bracket enclosed for easy mounting. Front Mounting Standard Power Supply with Fan S8JX(300-W Models) Fan replacement every 2 to 3 years Dust drawn in by fan No fan for reduced risk from dust Fan-free means maintenance-free by Length Reduced 30% The 300-W models need no fan Fan-free Design for Maintenance-free Operation Vehicle manufacturing equipment Wind power generation Elevators Conveyors Robots Ships Voltage Power rating 3 |
Similar Part No. - S8JX-G01515D |
|
Similar Description - S8JX-G01515D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |