Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC6506 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDC6506
Description  Dual P-Channel Logic Level PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6506 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC6506 Datasheet HTML 1Page - Fairchild Semiconductor FDC6506 Datasheet HTML 2Page - Fairchild Semiconductor FDC6506 Datasheet HTML 3Page - Fairchild Semiconductor FDC6506 Datasheet HTML 4Page - Fairchild Semiconductor FDC6506 Datasheet HTML 5Page - Fairchild Semiconductor FDC6506 Datasheet HTML 6Page - Fairchild Semiconductor FDC6506 Datasheet HTML 7Page - Fairchild Semiconductor FDC6506 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDC6506P Rev. C
Typical Characteristics (continued)
Figure 7. Gate-Charge Characteristics.
Figure 8. Capacitance Characteristics.
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient themal response will change depending on the circuit board design.
0.0001
0.001
0.01
0.1
1
10
100
300
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
R
(t) = r(t) * R
R
=180°C/W
θJA
θJA
θJA
0.01
0.1
1
10
100
300
0
1
2
3
4
5
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=180°C/W
T = 25°C
θJA
A
0.1
0.2
0.5
1
2
5
10
20
50
0.01
0.03
0.1
0.3
1
3
10
30
-V
, DRAIN-SOURCE VOLTAGE (V)
RDS(
ON)
LI
MI
T
DS
V
= -10V
SINGLE PULSE
R
= 180°C/W
T
= 25°C
θJA
GS
A
DC
1s
100ms
10ms
1ms
100us
0
2
4
6
8
10
0
123
4
Qg, GATE CHARGE (nC)
ID= -1.8A
VDS=-5.0V
-10V
-15V
0
60
120
180
240
300
0
6
12
18
24
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Coss
Crss
f=1MHz
VGS=0V


Similar Part No. - FDC6506

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC6506P VBSEMI-FDC6506P Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - FDC6506

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4925DY FAIRCHILD-SI4925DY Datasheet
70Kb / 5P
   Dual P-Channel, Logic Level, PowerTrench MOSFET
FDR8508P FAIRCHILD-FDR8508P Datasheet
274Kb / 8P
   Dual P-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com