Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC642 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDC642
Description  P-Channel 2.5V Specified PowerTrench?줞OSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC642 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC642 Datasheet HTML 1Page - Fairchild Semiconductor FDC642 Datasheet HTML 2Page - Fairchild Semiconductor FDC642 Datasheet HTML 3Page - Fairchild Semiconductor FDC642 Datasheet HTML 4Page - Fairchild Semiconductor FDC642 Datasheet HTML 5Page - Fairchild Semiconductor FDC642 Datasheet HTML 6Page - Fairchild Semiconductor FDC642 Datasheet HTML 7Page - Fairchild Semiconductor FDC642 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDC642P, Rev. B
Typical Characteristics (continued)
Figure 7. Gate-Charge Characteristics
Figure 8. Capacitance Characteristics
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum
Power Dissipation
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient themal response will change depending on the circuit board design.
0.00001
0.0001
0.001
0.01
0.1
1
10
100
300
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= 156°C/W
T - T
= P * R
(t)
A
J
P(pk)
t1
t 2
θJA
θJA
θJA
θJA
0
1
2
3
4
5
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA = 156
oC/W
TA = 25
oC
0
1
2
3
4
5
02468
10
Qg, GATE CHARGE (nC)
ID = -4A
V
DS = -5V
-10V
-15V
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
10ms
1ms
100
µs
VGS= -4.5V
SINGLE PULSE
RθJA= 156
oC/W
TA= 25
oC
RDS(ON) LIMIT
0
250
500
750
1000
1250
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
C
OSS
C
RSS
f = 1 MHz
V
GS = 0 V


Similar Part No. - FDC642

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6420 FAIRCHILD-FDC6420 Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
VBsemi Electronics Co.,...
FDC6420C-NL VBSEMI-FDC6420C-NL Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
FDC642P-F085P ONSEMI-FDC642P-F085P Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
More results

Similar Description - FDC642

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ204P FAIRCHILD-FDZ204P Datasheet
195Kb / 6P
   P-Channel 2.5V Specified PowerTrench
FDZ206P FAIRCHILD-FDZ206P Datasheet
219Kb / 5P
   P-Channel 2.5V Specified PowerTrench
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com