Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC640P Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDC640P
Description  P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC640P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC640P Datasheet HTML 1Page - Fairchild Semiconductor FDC640P Datasheet HTML 2Page - Fairchild Semiconductor FDC640P Datasheet HTML 3Page - Fairchild Semiconductor FDC640P Datasheet HTML 4Page - Fairchild Semiconductor FDC640P Datasheet HTML 5Page - Fairchild Semiconductor FDC640P Datasheet HTML 6Page - Fairchild Semiconductor FDC640P Datasheet HTML 7Page - Fairchild Semiconductor FDC640P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDC640P, Rev.C
Typical Characteristics (continued)
Figure 7. Gate-Charge Characteristics.
Figure 8. Capacitance Characteristics.
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient themal response will change depending on the circuit board design.
0.00001
0.0001
0.001
0.01
0.1
1
10
100
300
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= 156°C/W
T - T
= P * R
(t)
A
J
P(pk)
t1
t 2
θJA
θJA
θJA
θJA
0
1
2
3
4
5
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA = 156
oC/W
TA = 25
oC
0
1
2
3
4
5
02
46
8
10
12
Qg, GATE CHARGE (nC)
ID = -4.5A
VDS = -5V
-10V
-15V
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
10ms
1ms
100
µs
VGS= -4.5V
SINGLE PULSE
RθJA= 156
oC/W
T
A= 25
oC
RDS(ON) LIMIT
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V


Similar Part No. - FDC640P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC640P FAIRCHILD-FDC640P Datasheet
79Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDC640P FAIRCHILD-FDC640P_01 Datasheet
79Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results

Similar Description - FDC640P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com