Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSL2512R0100FEB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSL2512R0100FEB
Description  Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL2512R0100FEB Datasheet(HTML) 1 Page - Vishay Siliconix

  WSL2512R0100FEB Datasheet HTML 1Page - Vishay Siliconix WSL2512R0100FEB Datasheet HTML 2Page - Vishay Siliconix WSL2512R0100FEB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WSL
www.vishay.com
Vishay Dale
Revision: 06-Jun-12
1
Document Number: 30100
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors, Low Value
(Down to 0.0005 Ω), Surface Mount
FEATURES
•Ideal for all types of current sensing, voltage
division and pulse applications including switching
and linear power supplies, instruments, power
amplifiers
• Proprietary
processing
technique
produces
extremely low resistance values (down to 0.0005
Ω)
• All welded construction
• Solderable terminations
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 μV/°C)
• Solid metal nickel-chrome or manganese-copper
alloy resistive element with low TCR (< 20 ppm/°C)
• AEC-Q200 qualified available (1)
• Material categorization: For definitions of compliance please
see www.vishay.com/doc?99912
Note
(1) Flame retardance test may not be applicable to some resistor
technologies
Notes
• Part marking: Value; tolerance: Due to resistor size limitations some resistors will be marked with only the resistance value.
(2) For values above 0.1
Ω derate linearly to 80 % rated power at 0.5 Ω.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING P70 °C
W
RESISTANCE VALUE RANGE Ω
WEIGHT (typical)
g/1000 pieces
Tol. ± 0.5 %
Tol. ± 1.0 %
WSL0603
0603
0.1
0.01 to 0.1
0.01 to 0.1
1.9
WSL0805
0805
0.125
0.005 to 0.2
0.005 to 0.2
4.8
WSL1206
1206
0.25
0.005 to 0.2
0.001 to 0.2
16.2
WSL2010
2010
0.5
0.004 to 0.5
0.001 to 0.5
38.9
WSL2512
2512
1.0 (2)
0.003 to 0.5
0.0005 to 0.5
63.6
WSL2816
2816
2.0
0.003 to 0.1
0.002 to 0.1
118
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSL RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
± 75 for 7 m
Ω to 0.5 Ω, ± 110 for 5 mΩ to 6.9 mΩ, ± 150 for 3 mΩ to 4.9 mΩ,
± 275 for 1 m
Ω to 2.9 mΩ, ± 400 for 0.5 mΩ to 0.99 mΩ
Operating temperature range
°C
- 65 to + 170
Maximum working voltage
V
(P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: WSL25124L000FTA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSL0603
WSL0805
WSL1206
WSL2010
WSL2512
WSL2816
L = mΩ*
R = Decimal
5L000 = 0.005 Ω
R0100 = 0.01 Ω
* Use “L” for resistance
values < 0.01
Ω
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
EA = Lead (Pb)-free, tape/reel
EH = Lead (Pb)-free, tape/reel (WSL2816)
EK = Lead (Pb)-free, bulk
(Dash number)
(up to 2 digits)
From 1 to 99 as
applicable
TA = Tin/lead, tape/reel (R86)
TG = Tin/lead, tape/reel (RT1, for WSL0603 and WSL0805)
TH = Tin/lead, tape/reel (RJ9, WSL2816)
BA = Tin/lead, bulk (B43)
Historical Part Numbering example: WSL2512 0.004 Ω 1 % R86
WSL2512
0.004 Ω
1 %
R86
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
L2
5
1
4L0
2
WS
T
0
FA
0


Similar Part No. - WSL2512R0100FEB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0100FEA VISHAY-WSL2512R0100FEA Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL2512R0100FEA VISHAY-WSL2512R0100FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0100FEA18 VISHAY-WSL2512R0100FEA18 Datasheet
120Kb / 3P
   Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL2512R0100FEA18 VISHAY-WSL2512R0100FEA18 Datasheet
83Kb / 3P
   Power Metal Strip Resistors, High Power
Revision: 08-Oct-13
WSL2512R0100FEA18 VISHAY-WSL2512R0100FEA18 Datasheet
148Kb / 4P
   Power Metal Strip짰 Resistors, High Power (2 x Standard WSL),
More results

Similar Description - WSL2512R0100FEB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL12067L000FEA VISHAY-WSL12067L000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL2512R0200FTB VISHAY-WSL2512R0200FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSC0001825R0FEA VISHAY-WSC0001825R0FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL2010R0200FEB VISHAY-WSL2010R0200FEB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL VISHAY-WSL_13 Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL1206R1000FEA VISHAY-WSL1206R1000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSK2512 VISHAY-WSK2512 Datasheet
112Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface-Mount, 4-Terminal
01-Jan-2022
WSL2816R0500FEH VISHAY-WSL2816R0500FEH Datasheet
87Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.0005 Ohm), Surface Mount
Revision: 05-Mar-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com