Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXR8-RW40 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LXR8-RW40
Description  High Flux Density and Efficacy
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXR8-RW40 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LXR8-RW40 Datasheet HTML 4Page - Lumileds Lighting Company LXR8-RW40 Datasheet HTML 5Page - Lumileds Lighting Company LXR8-RW40 Datasheet HTML 6Page - Lumileds Lighting Company LXR8-RW40 Datasheet HTML 7Page - Lumileds Lighting Company LXR8-RW40 Datasheet HTML 8Page - Lumileds Lighting Company LXR8-RW40 Datasheet HTML 9Page - Lumileds Lighting Company LXR8-RW40 Datasheet HTML 10Page - Lumileds Lighting Company LXR8-RW40 Datasheet HTML 11Page - Lumileds Lighting Company LXR8-RW40 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LUXEONMDatasheetDS10320130418©2013PhilipsLumiledsLightingCompany.
7
Electrical Characteristics for LUXEON M at Test Current [1],
Junction Temperature = 85°C for all CCTs and Royal Blue
Table 7.
Part Number
Forward Voltage V
f
[1, 2]
(V)
I
f = 700 mA
Typical Temperature Coefficient of
Forward Voltage [3]
(mV/°C)
DV
F / DTJ
Typical Thermal Resistance Junction
to Thermal Pad
(°C/W)
Ru
J-C
Minimum
Typical
Maximum
LXRx-Sxxx
10.5
11.2
12
-5.5
1.25
LXRx-Rxxx
5.44
5.6
5.72
-5.5
1.25
Notes for Table 7:
1. Testcurrentis700mAforLXRx-Sxxxand1400mAforLXRx-Rxxxproducts.
2. PhilipsLumiledsmaintainsatoleranceof±0.5%onforwardvoltagemeasurements.
3. MeasuredbetweenT
J=25°CandTJ=135°C.
Absolute Maximum Ratings
Table 8.
Parameter
Maximum Performance
DCForwardCurrent(mA)[1],[2]
1050mAforLXRx-Sxxx;2100mAforLXRx-Rxxx
PeakPulsedForwardCurrent[1],[3]
1200mAforLXRx-Sxxx;2400mAforLXRx-Rxxx
ESDSensitivity
≤8000VHumanBodyModel(HBM)
Class3BJESD22-A114-E
<400VMachineModel(MM)
ClassBJESD22-A115-B
LEDJunctionTemperature[1]
135°C
OperatingCaseTemperatureatCurrent
-40°C-120°C@700mAforLXRx-Sxxx
-40°C-120°C@1400mAforLXRx-Rxxx
StorageTemperature
-40°C-120°C
LeadSolderingTemperature
JEDEC020c260°C
AllowableReflowCycles
3
AutoclaveConditions
121°Cat2ATM
100%RelativeHumidityfor96HoursMaximum
ReverseVoltage(V
r)
LUXEONMLEDsarenotdesignedtobedriveninreversebias
Notes for Table 8:
1. Propercurrentderatingmustbeobservedtomaintainjunctiontemperaturebelowthemaximum.
2. Residualperiodicvariationsduetopowerconversionfromalternatingcurrent(AC)todirectcurrent(DC),alsocalled“ripple”,withfrequencies≥100Hzand
amplitude≤1200mAforLXRx-Sxxxandamplitude≤2400mAforLXRx-Rxxxareacceptable,assumingtheaveragecurrentthroughouteachcycledoesnot
exceed1050mAforLXRx-Sxxxand2100mAforLXRx-Rxxx.
3. Pulsedoperationwithapeakdrivecurrentof1200mAforLXRx-Sxxxandpeakdrivecurrentof2400mAforLXRx-Rxxxisacceptableifthepulseontime
is≤5mspercycleandthedutycycleis≤50%.
JEDEC Moisture Sensitivity
Table 9.
Level
Soak Requirements
Floor Life
Standard
Time
Conditions
Time
Conditions
1
Unlimited
[30°C/85%RH
168Hrs.+5/-0Hrs.
85°C/85%RH


Similar Part No. - LXR8-RW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXR8-RW40 LUMILEDS-LXR8-RW40 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
LXR8-RW40 LUMILEDS-LXR8-RW40 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
More results

Similar Description - LXR8-RW40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
LXK8-PW27-0403 LUMILEDS-LXK8-PW27-0403 Datasheet
2Mb / 28P
   High efficacy plug and play array solution with precise flux, Vf and color
logo
YUXIANG Magnetc materia...
UYF9.8 YUXIANG-UYF9.8 Datasheet
60Kb / 2P
   High Saturation Magnetic Flux Density
logo
Lumileds Lighting Compa...
LXS8-PW27 LUMILEDS-LXS8-PW27 Datasheet
1Mb / 16P
   High flux density with compact light
PB68 LUMILEDS-PB68 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
logo
Seoul Semiconductor
SPF0BF0A SEOUL-SPF0BF0A Datasheet
795Kb / 20P
   High lumen output and efficacy
SZ5-M2 SEOUL-SZ5-M2 Datasheet
1Mb / 30P
   High Lumen Output and Efficacy
SPF0AF0A SEOUL-SPF0AF0A Datasheet
666Kb / 20P
   High lumen output and efficacy
logo
Lumileds Lighting Compa...
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
DS106 LUMILEDS-DS106 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com