Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VY1681M31Y5UQ6 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VY1681M31Y5UQ6
Description  Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1681M31Y5UQ6 Datasheet(HTML) 5 Page - Vishay Siliconix

  VY1681M31Y5UQ6 Datasheet HTML 1Page - Vishay Siliconix VY1681M31Y5UQ6 Datasheet HTML 2Page - Vishay Siliconix VY1681M31Y5UQ6 Datasheet HTML 3Page - Vishay Siliconix VY1681M31Y5UQ6 Datasheet HTML 4Page - Vishay Siliconix VY1681M31Y5UQ6 Datasheet HTML 5Page - Vishay Siliconix VY1681M31Y5UQ6 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMI/RFI Y1-VY1
Ceramic Disc Capacitors
Safety Standard Approved Disc AC Capacitors
Vishay BCcomponents
Document Number: 28537
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 15-Oct-09
86
Notes
• See ordering information table
• Cumulative pitch error: ± 1 mm/20 pitches
• Obliquity maximum 3°
REEL AND TAPE DATA in millimeters
W1
position of sprocket hole
9.0 + 0.75 - 0.5
W2
distance of hold-down tape
3.0 max.
H1
maximum component height
40.0
H0
height to seating plane (for kinked leads)
16.0 ± 0.5
H0
height to seating plane (for straight leads)
20.0 ± 0.5
L
length of cut leads
11.0 max.
I
length of lead protrusion
1.0 max.
D0
diameter of sprocket hole
4.0 ± 0.2
t
total tape thickness
0.9 max.
DIMENSIONS OF TAPE
SYMBOL
PARAMETER
DIMENSIONS
(mm)
Fig. 2
Reel with capacitors on tape
Ammopack with capacitors on tape
51 max.
355.6 ± 2.0
45 max.
28 ± 1.5
8.0
330
360
55


Similar Part No. - VY1681M31Y5UQ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1681M31Y5UQ6 VISHAY-VY1681M31Y5UQ6 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1681M31Y5UQ6V0 VISHAY-VY1681M31Y5UQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY1681M31Y5UQ6V0 VISHAY-VY1681M31Y5UQ6V0 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
VY1681M31Y5UQ6V0 VISHAY-VY1681M31Y5UQ6V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
VY1681M31Y5UQ6V0 VISHAY-VY1681M31Y5UQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results

Similar Description - VY1681M31Y5UQ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1COMPACT VISHAY-VY1COMPACT Datasheet
195Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
VY1 VISHAY-VY1 Datasheet
190Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
logo
Panasonic Semiconductor
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com