Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-HFA50PA60CPBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-HFA50PA60CPBF
Description  HEXFRED Ultrafast Soft Recovery Diode, 2 x 25
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-HFA50PA60CPBF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VS-HFA50PA60CPBF Datasheet HTML 2Page - Vishay Siliconix VS-HFA50PA60CPBF Datasheet HTML 3Page - Vishay Siliconix VS-HFA50PA60CPBF Datasheet HTML 4Page - Vishay Siliconix VS-HFA50PA60CPBF Datasheet HTML 5Page - Vishay Siliconix VS-HFA50PA60CPBF Datasheet HTML 6Page - Vishay Siliconix VS-HFA50PA60CPBF Datasheet HTML 7Page - Vishay Siliconix VS-HFA50PA60CPBF Datasheet HTML 8Page - Vishay Siliconix VS-HFA50PA60CPBF Datasheet HTML 9Page - Vishay Siliconix VS-HFA50PA60CPBF Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-11
1
Document Number: 95223
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC outline TO-247 with exception of dimension c
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
3
A2
1.50
2.49
0.059
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
FK
2.54
0.010
b2
1.65
2.39
0.065
0.094
L
14.20
16.10
0.559
0.634
b3
1.65
2.37
0.065
0.094
L1
3.71
4.29
0.146
0.169
b4
2.59
3.43
0.102
0.135
N
7.62 BSC
0.3
b5
2.59
3.38
0.102
0.133
P
3.56
3.66
0.14
0.144
c
0.38
0.86
0.015
0.034
P1
-
6.98
-
0.275
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
1.78
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
0.10
A
C
M
M
E
N
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
(5) L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(6) Ø P
(Datum B)
FP1
D1 (4)
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode


Similar Part No. - VS-HFA50PA60CPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-HFA50PA60C-N3 VISHAY-VS-HFA50PA60C-N3 Datasheet
174Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 2 x 25 A
01-Jan-2022
VS-HFA50PA60C-N3 VISHAY-VS-HFA50PA60C-N3_V01 Datasheet
174Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 2 x 25 A
01-Jan-2022
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3 Datasheet
162Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 15-Jul-15
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3 Datasheet
160Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 2 x 25 A
01-Jan-2022
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3_V01 Datasheet
160Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 2 x 25 A
01-Jan-2022
More results

Similar Description - VS-HFA50PA60CPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA50PA60CPBF VISHAY-HFA50PA60CPBF_11 Datasheet
215Kb / 9P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 23-May-11
HFA50PA60C VISHAY-HFA50PA60C Datasheet
207Kb / 7P
   HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
Revision: 29-Jul-08
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3 Datasheet
162Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 15-Jul-15
HFA50PA60CPBF VISHAY-HFA50PA60CPBF Datasheet
210Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 25-Jul-08
HFA25TB60PBF VISHAY-HFA25TB60PBF_11 Datasheet
202Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 25 A
Revision: 24-May-11
HFA25PB60PBF VISHAY-HFA25PB60PBF_11 Datasheet
189Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 25 A
Revision: 23-May-11
HFA08TA60CSPBF VISHAY-HFA08TA60CSPBF_10 Datasheet
190Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 24-Feb-10
HFA30TA60CSPBF VISHAY-HFA30TA60CSPBF_10 Datasheet
208Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 22-Feb-10
HFA16PA120CPBF VISHAY-HFA16PA120CPBF_11 Datasheet
159Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 23-May-11
HFA16TA60CPBF VISHAY-HFA16TA60CPBF_11 Datasheet
212Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 24-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com