Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYFR3504 Datasheet(PDF) 2 Page - First Components International

Part # BYFR3504
Description  35.0 Amp Y-LEAD BLOCK AUTO DIODES High current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BYFR3504 Datasheet(HTML) 2 Page - First Components International

  BYFR3504 Datasheet HTML 1Page - First Components International BYFR3504 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BYFR3502 ~ BYFR3506
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
35
30
15
10
5
20
25
10
100
1000
1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
75
125
150
25
100
175
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
75
150
225
300
375
450
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
1000
100
10
20
40
60
80
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=175
oC
TJ=25
oC
Data Sheet
35.0 Amp Y-LEAD BLOCK
AUTO DIODES


Similar Part No. - BYFR3504

ManufacturerPart #DatasheetDescription
logo
FCI connector
BYFR3502-3506 FCI-CONNECTOR-BYFR3502-3506 Datasheet
478Kb / 2P
   35.0 Amp Y-LEAD BLOCK AUTO DIODES
More results

Similar Description - BYFR3504

ManufacturerPart #DatasheetDescription
logo
FCI connector
BYFR3502-3506 FCI-CONNECTOR-BYFR3502-3506 Datasheet
478Kb / 2P
   35.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
First Components Intern...
PTYFR3502 FCI-PTYFR3502 Datasheet
549Kb / 2P
   35.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
BYFR5002 FCI-BYFR5002 Datasheet
364Kb / 2P
   50.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
FCI connector
BYFR2502-2506 FCI-CONNECTOR-BYFR2502-2506 Datasheet
463Kb / 2P
   25.0 Amp Y-LEAD BLOCK AUTO DIODES
logo
First Components Intern...
PTYFR3501 FCI-PTYFR3501 Datasheet
549Kb / 2P
   35.0 Amp Y-LEAD TIN CAN AUTO DIODE
logo
FCI connector
PTYFR3502-3506 FCI-CONNECTOR-PTYFR3502-3506 Datasheet
549Kb / 2P
   35.0 Amp Y-LEAD TIN CAN AUTO DIODE
logo
First Components Intern...
PLFR3502 FCI-PLFR3502 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT High surge current capability
PMFR3502 FCI-PMFR3502 Datasheet
537Kb / 2P
   35.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
PTFR3502 FCI-PTFR3502 Datasheet
538Kb / 2P
   35.0 Amp TIN CAN AUTO DIODE High surge current capability
PBFR3502 FCI-PBFR3502 Datasheet
674Kb / 2P
   35.0 Amp BOSCH TYPE AUTO PRESSFIT High surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com