Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16936RATEB Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16936RATEB
Description  36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16936RATEB Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16936RATEB Datasheet HTML 4Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 5Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 6Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 7Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 8Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 9Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 10Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 11Page - Maxim Integrated Products MAX16936RATEB Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MAX16936
36V, 220kHz to 2.2MHz Step-Down Converter
with 28µA Quiescent Current
8
Maxim Integrated
Pin Descriptions
Pin Configurations
PIN
NAME
FUNCTION
TSSOP
TQFN
1
16
SYNCOUT
Open-Drain Clock Output. SYNCOUT outputs 180N out-of-phase signal relative to the
internal oscillator. Connect to OUT with a resistor between 100I and 1k
W for 2MHz
operation. For low frequency operation, use a resistor between 1k
W and 10kW.
2
1
FSYNC
Synchronization Input. The device synchronizes to an external signal applied to FSYNC.
Connect FSYNC to AGND to enable skip mode operation. Connect to BIAS or to an
external clock to enable fixed-frequency forced PWM mode operation.
3
2
FOSC
Resistor-Programmable Switching Frequency Setting Control Input. Connect a resistor
from FOSC to AGND to set the switching frequency.
4
3
OUT
Switching Regulator Output. OUT also provides power to the internal circuitry when the
output voltage of the converter is set between 3V to 5V during standby mode.
5
4
FB
Feedback Input. Connect an external resistive divider from OUT to FB and AGND to set
the output voltage. Connect to BIAS to set the output voltage to 5V.
6
5
COMP
Error Amplifier Output. Connect an RC network from COMP to AGND for stable
operation. See the Compensation Network section for more information.
7
6
BIAS
Linear Regulator Output. BIAS powers up the internal circuitry. Bypass with a 1FF
capacitor to ground.
8
7
AGND
Analog Ground
9
8
BST
High-Side Driver Supply. Connect a 0.22FF capacitor between LX and BST for
proper operation.
+
+
TSSOP
13
4
14
3
15
2
16
1
TOP VIEW
10
7
11
6
9
8
12
5
EP
EP
15
16
14
13
6
5
7
8
12
PGND
4
12
11
9
SYNCOUT
BST
AGND
BIAS
COMP
3
10
LX
TQFN
PGOOD
MAX16936
MAXX16936


Similar Part No. - MAX16936RATEB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936RATEB/V++ MAXIM-MAX16936RATEB/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16936RATEB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
   36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com