Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16936SAUEA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16936SAUEA
Description  36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16936SAUEA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16936SAUEA Datasheet HTML 3Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 4Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 5Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 6Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 7Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 8Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 9Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 10Page - Maxim Integrated Products MAX16936SAUEA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MAX16936
36V, 220kHz to 2.2MHz Step-Down Converter
with 28µA Quiescent Current
7
Maxim Integrated
Typical Operating Characteristics (continued)
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFYSNC = 0V, RFOSC = 12kI, TA = +25NC, unless otherwise noted.)
COLD CRANK
MAX16936 toc19
VIN
VOUT
VPGOOD
400ms
2V/div
0V
2V/div
2V/div
LOAD TRANSIENT (PWM MODE)
MAX16936 toc21
VOUT
(AC-COUPLED)
200mV/div
2A/div
0A
LOAD
CURRENT
FSW = 2.2MHz
VOUT = 5V
100µs
LOAD DUMP
MAX16936 toc20
VIN
VOUT
100ms
10V/div
0V
0V
5V/div
SHORT CIRCUIT IN PWM MODE
MAX16936 toc22
VOUT
PGOOD
INDUCTOR
CURRENT
10ms
2V/div
0V
0V
5V/div
2A/div
0A


Similar Part No. - MAX16936SAUEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936SAUEA/V++ MAXIM-MAX16936SAUEA/V+ Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results

Similar Description - MAX16936SAUEA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX20002 MAXIM-MAX20002_V01 Datasheet
669Kb / 19P
   36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com