Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ58A Datasheet(PDF) 5 Page - First Components International

Part # 3.0SMCJ58A
Description  5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

3.0SMCJ58A Datasheet(HTML) 5 Page - First Components International

  3.0SMCJ58A Datasheet HTML 1Page - First Components International 3.0SMCJ58A Datasheet HTML 2Page - First Components International 3.0SMCJ58A Datasheet HTML 3Page - First Components International 3.0SMCJ58A Datasheet HTML 4Page - First Components International 3.0SMCJ58A Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Max.
Reverse
CASE
@
Leakage
Marking
Min.(V)
Max(V)
Ir(Ma)
@VRWM
IR
3.0SMCJ90
100
126.5
1.00
90.0
5.00
18.80
159.6
HGW
3.0SMCJ90A
100
115.5
1.00
90.0
5.00
20.60
146.0
HGX
3.0SMCJ100
111
141
1.00
100.0
5.00
16.60
180.8
HGY
3.0SMCJ100A
111
128
1.00
100.0
5.00
18.60
162.0
HGZ
3.0SMCJ110
122
154.5
1.00
110.0
5.00
15.40
196.0
HHD
3.0SMCJ110A
122
140.5
1.00
110.0
5.00
16.80
178.5
HHE
3.0SMCJ120
133
169
1.00
120.0
5.00
14.00
215.0
HHF
3.0SMCJ120A
133
153
1.00
120.0
5.00
15.60
193.0
HHG
3.0SMCJ130
144
182.5
1.00
150.0
5.00
13.00
231.0
HHH
3.0SMCJ130A
144
165.5
1.00
150.0
5.00
14.40
209.0
HHK
3.0SMCJ150
166
211.5
1.00
160.0
5.00
11.20
268.0
HHL
3.0SMCJ150A
166
192.5
1.00
160.0
5.00
12.40
243.0
HHM
3.0SMCJ160
178
226
1.00
170.0
5.00
10.40
289.0
HHN
3.0SMCJ160A
178
205
1.00
170.0
5.00
11.60
259.0
HHP
3.0SMCJ170
189
239.5
1.00
180.0
5.00
9.80
307.0
HHQ
3.0SMCJ170A
189
217.5
1.00
180.0
5.00
11.00
275.0
HHR
3.0SMCJ180
198
253.8
1.00
180.0
5.00
9.30
322.0
HHS
3.0SMCJ180A
198
230.4
1.00
180.0
5.00
10.30
292.0
HHT
3.0SMCJ190
209
267.9
1.00
190.0
5.00
8.80
340.0
HHU
3.0SMCJ190A
209
243.2
1.00
190.0
5.00
9.70
308.0
HHV
3.0SMCJ200
220
282
1.00
200.0
5.00
8.40
358.0
HHW
3.0SMCJ200A
220
256
1.00
200.0
5.00
9.30
324.0
HHX
3.0SMCJ210
231
296.1
1.00
210.0
5.00
7.80
376.0
HHY
3.0SMCJ210A
231
268.8
1.00
210.0
5.00
8.80
340.0
HHZ
3.0SMCJ220
242
310.2
1.00
220.0
5.00
7.60
394.0
HKD
3.0SMCJ220A
242
281.6
1.00
220.0
5.00
8.40
356.0
HKE
2. BV measured with IT Current pulse=300us
3. CASE Marking Bi-Directional prefix change H with I
1. Suffix C denotes Bi-directional device, Suffix A denotes 5% tolerance device no Suffix denotes 10% tolerance device
MAX REVERSE
VOLTAGE@IRSM
CLAMING
Vc
VOLTAGE
3000W
FCI Part
Number#
BREAKDOWN
WORKING
PEAK
REVERSE
VOLTAGE
Peak Pulse
Current
@IPP
Data Sheet
5.0Vto 220VSMDTRANSIENT
VOLTAGESUPPRESSORS


Similar Part No. - 3.0SMCJ58A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ58A WTE-3.0SMCJ58A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ58A TAYCHIPST-3.0SMCJ58A Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ58A WTE-3.0SMCJ58A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ58A DIODES-3.0SMCJ58A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ58A TSC-3.0SMCJ58A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ58A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com