Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ58A Datasheet(PDF) 4 Page - First Components International

Part # 3.0SMCJ58A
Description  5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

3.0SMCJ58A Datasheet(HTML) 4 Page - First Components International

  3.0SMCJ58A Datasheet HTML 1Page - First Components International 3.0SMCJ58A Datasheet HTML 2Page - First Components International 3.0SMCJ58A Datasheet HTML 3Page - First Components International 3.0SMCJ58A Datasheet HTML 4Page - First Components International 3.0SMCJ58A Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Max.
Reverse
CASE
@
Leakage
Marking
Min.(V)
Max(V)
Ir(Ma)
@VRWM
IR
3.0SMCJ22A
24.4
28
1.00
22.0
5.00
84.50
35.5
HEX
3.0SMCJ24
26.7
33.8
1.00
24.0
5.00
69.80
43.0
HEY
3.0SMCJ24A
26.7
30.7
1.00
24.0
5.00
77.20
38.9
HEZ
3.0SMCJ26
28.9
36.6
1.00
26.0
5.00
64.40
46.6
HFD
3.0SMCJ26A
28.9
33.2
1.00
26.0
5.00
71.20
42.2
HFE
3.0SMCJ28
31.1
39.4
1.00
28.0
5.00
60.00
50.1
HFF
3.0SMCJ28A
31.1
35.8
1.00
28.0
5.00
66.00
45.5
HFG
3.0SMCJ30
33.3
42.2
1.00
30.0
5.00
56.00
53.6
HFH
3.0SMCJ30A
33.3
38.3
1.00
30.0
5.00
62.00
48.4
HFK
3.0SMCJ33
36.7
46.5
1.00
33.0
5.00
50.40
59.6
HFL
3.0SMCJ33A
36.7
42.2
1.00
33.0
5.00
56.30
53.3
HFM
3.0SMCJ36
40
50.7
1.00
36.0
5.00
46.60
64.4
HFN
3.0SMCJ36A
40
46
1.00
36.0
5.00
51.60
58.2
HFP
3.0SMCJ40
44.4
56.3
1.00
40.0
5.00
42.00
71.4
HFQ
3.0SMCJ40A
44.4
51.1
1.00
40.0
5.00
46.40
64.7
HFR
3.0SMCJ43
47.8
60.5
1.00
43.0
5.00
39.20
76.6
HFS
3.0SMCJ43A
47.8
54.9
1.00
43.0
5.00
43.20
69.4
HFT
3.0SMCJ45
50
63.3
1.00
45.0
5.00
37.40
80.3
HFU
3.0SMCJ45A
50
57.5
1.00
45.0
5.00
41.20
72.8
HFV
3.0SMCJ48
53.3
67.5
1.00
48.0
5.00
35.00
85.8
HFW
3.0SMCJ48A
53.3
61.3
1.00
48.0
5.00
38.80
77.4
HFX
3.0SMCJ51
56.7
71.8
1.00
51.0
5.00
33.00
91.1
HFY
3.0SMCJ51A
56.7
65.2
1.00
51.0
5.00
36.40
82.4
HFZ
3.0SMCJ54
60
76
1.00
54.0
5.00
31.20
96.3
HGD
3.0SMCJ54A
60
69
1.00
54.0
5.00
34.40
87.2
HG E
3.0SMCJ58
64.4
81.6
1.00
58.0
5.00
29.00
103.5
HGF
3.0SMCJ58A
64.4
74.1
1.00
58.0
5.00
32.00
93.8
HGG
3.0SMCJ60
66.7
84.5
1.00
60.0
5.00
28.00
107.2
HGH
3.0SMCJ60A
66.7
76.7
1.00
60.0
5.00
31.00
96.8
HGK
3.0SMCJ64
71.1
90.1
1.00
64.0
5.00
26.40
114.0
HGL
3.0SMCJ64A
71.1
81.8
1.00
64.0
5.00
29.20
103.0
HGM
3.0SMCJ70
77.8
98.6
1.00
70.0
5.00
24.00
125.0
HGN
3.0SMCJ70A
77.8
89.5
1.00
70.0
5.00
26.60
113.0
HGP
3.0SMCJ75
83.3
105.7
1.00
75.0
5.00
22.40
134.0
HGQ
3.0SMCJ75A
83.3
95.8
1.00
75.0
5.00
24.80
121.0
HGR
3.0SMCJ78
86.7
109.9
1.00
78.0
5.00
21.60
139.0
HGS
3.0SMCJ78A
86.7
99.7
1.00
78.0
5.00
22.80
131.5
HGT
3.0SMCJ85
94.4
119.2
1.00
85.0
5.00
19.80
151.6
HGU
3.0SMCJ85A
94.4
108.2
1.00
85.0
5.00
20.80
144.5
HGV
MAX REVERSE
VOLTAGE@IRSM
CLAMING
Vc
3000W
FCI Part
Number#
BREAKDOWN
WORKING
PEAK
REVERSE
VOLTAGE
Peak Pulse
Current
@IPP
VOLTAGE
Data Sheet
5 .0 V to 220 V S M D T R A N S I E N T
V O LT A G E S U P P R E S S O R S


Similar Part No. - 3.0SMCJ58A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ58A WTE-3.0SMCJ58A Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Taychipst Elec...
3.0SMCJ58A TAYCHIPST-3.0SMCJ58A Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ58A WTE-3.0SMCJ58A Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ58A DIODES-3.0SMCJ58A Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ58A TSC-3.0SMCJ58A Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ58A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com