Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMCJ28 Datasheet(PDF) 1 Page - First Components International

Part # 3.0SMCJ28
Description  5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

3.0SMCJ28 Datasheet(HTML) 1 Page - First Components International

  3.0SMCJ28 Datasheet HTML 1Page - First Components International 3.0SMCJ28 Datasheet HTML 2Page - First Components International 3.0SMCJ28 Datasheet HTML 3Page - First Components International 3.0SMCJ28 Datasheet HTML 4Page - First Components International 3.0SMCJ28 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
De s c ription
F e a ture s
n 1500 WAT T P E AK P OWE R P R OT E C T ION
n E X C E L L E N T C L A M P I N G C A PA B I L I T Y
n FA S T R E S P O N S E T I ME
Me c ha nic a l Dim e ns ions
n T Y P I C A L I
R < 1 µ
µµµµA A B OV E 10V
n GL AS S PAS S IVAT E D C HIP C ONS T R UC T ION
n ME E T S U L S P E C I F I C AT I O N 9 4 V -0
Maximum Ratings
Peak Power Dissipation...P
PK
10/1000ms WAVEFORM (NOTE 1,2, FIG1)
Peak Pulse Current.....Ippm
10/1000ms waveform (note 1, fig. 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ RatedLoadConditions, 8.3 ms, ½ SineWave, SinglePhase
(Note: 2 3)
Weight...G
RM
Soldering Requirements (Time & Temp)...S
T
@ 250
°C
Operating & Storage Temperature Range...T
J, TSTRG
3 . 0 S M C J 5 . 0 . . .220
Data Sheet
5.0Vto220VSMDTRANSIENT
VOLTAGESUPPRESSORS
Units
Watts
Watts
Amps
Grams
......................................... 3000 Min. ..........................................
see table 1
............................................. 200 ...............................................
............................................. 0. 20 ...............................................
............................................. 11 Sec. ...........................................
......................................... -65 to 175 ..........................................
°C
P a ge 1 0 -3 8
Min. to
Solder
NOTES: 1. F or B i-Directional Applications, Use C or C A. E lectrical C haracteristics Apply in B oth Directions.
2. Mounted on 8mm C opper P ads to E ach Terminal.
3. 8.3 ms, ½ S ine Wave, S ingle P hase Duty C ycle, @ 4 P ulses P er Minute Maximum.
4. V
B R Meas ured After It Applies for 300 µs . I T = S qua re W a ve P uls e or E quiva lent.
5. Non-R epetitive C urrent P ulse. P er F ig. 3 and Derated Above T
A = 25°C per F ig. 2.
Uni-Polar
Load
TVS
Device
TVS
Device
Load
Bi-Polar
DO-214AB
(SMC)


Similar Part No. - 3.0SMCJ28

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ28 WTE-3.0SMCJ28 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
3.0SMCJ28 RECTRON-3.0SMCJ28 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Won-Top Electronics
3.0SMCJ28 WTE-3.0SMCJ28 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ28 TSC-3.0SMCJ28 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ28 TSC-3.0SMCJ28 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ28

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com