Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L402W Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # L402W
Description  RF Ceramic Component Proto-Typing Kits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L402W Datasheet(HTML) 3 Page - Johanson Technology Inc.

  L402W Datasheet HTML 1Page - Johanson Technology Inc. L402W Datasheet HTML 2Page - Johanson Technology Inc. L402W Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6
www.johansontechnology.com
www.johansontechnology.com
JTIsofT® 2.0 CapaCITor & InduCTor ModelIng sofTware
JTIsoft®consists of two advanced design simulation software programs which offer component modeling from 1 MHz to 20 GHz. MLCsoft® provides S-Parameter
and SPICE modeling data for six different size high frequency multi-layer ceramic capacitors (MLCCs) chip sizes while MLIsoft® provides S-Parameter and SPICE
modeling on four different size high frequency multi-layer ceramic inductors (MLCIs). The main interface screen displays electrical parameters such as SRF, PRF1,
PRF2, ESR, Q, Ceff, Leff, Rdc, and Idc which are updated dynamically as chip size, value, and frequency parameters are varied by the user. The complete part
number is also dynamically displayed for ordering accuracy.
Both programs also provide highly detailed graphical plots of device performance over a user specified frequency range. The chart displays are instantly updated
as the user makes component or frequency changes. Smith chart displays of both impedance and S11/S22 are available as point plots, line plots, and line-point
plots. Traditional X-Y graphs are available for parameters of S21 and S11 both phase and magnitude, Impedance magnitude, as well as Q, ESR and effective
capacitance. Display formats include standard, log Y, and log/log. Chart may be exported in BMP or Metafile format. Numerical S-Parameter data may be
displayed and exported as an .S2P format file.
5.5GHz Designer Kit for WLAN, Bluetooth, ISM and 802.11
0402 S-Series Capacitors, 0402 Inductors & RF Components
P/N: 5500L/C402D
6 PCS . EA . BAND PASS FILTERS: 5515BP15C1020, 5515BP15B725, 5515BP15B730, 5515BP15C975, 5487BP15B675, 5487BP15C675
6 PCS . EA . CHIP ANTENNA: 2450AD46A5400, 5250AT43A200, 5400AT18A1000, 5775AT43A100
6 PCS . EA . LOW PASS FILTER 5515LP15A730
6 PCS . EA . BALUN: 5400BL15B050, 5400BL15B100, 5400BL15K050, 5512BL15B100, 5800BL15B100
6 PCS . EA . DIPLEXER: 2450DP15A5512, 2450DP15B5512, 2450DP15D5400, 2450DP15E5400
50 PCS . EA . MLCC (pF): 0 .3 B, 0 .5 B, 0 .8 B, 1 .0 B, 1 .2 B, 1 .5 B, 1 .8 B, 2 .0 B, 2 .2 B, 2 .7 B, 3 .3 B, 3 .9 B, 4 .7 B, 5 .6 C
50 PCS . EA . MLCI (nH): 1 .0 S, 1 .5 S, 1 .8 S, 2 .2 S, 2 .7 S, 3 .3 S, 3 .9 S, 4 .7 S, 5 .6 S, 6 .8 J, 8 .2 J, 10 J, 12 J, 15 J
0603 S-Series Capacitors, 0603 Inductors & RF Components
P/N: 5500L/C603D
6 PCS . EA . BAND PASS FILTERS: 5515BP15C1020, 5515BP15B725, 5515BP15B730, 5515BP15C975, 5487BP15B675, 5487BP15C675
6 PCS . EA . CHIP ANTENNA: 2450AD46A5400, 5250AT43A200, 5400AT18A1000, 5775AT43A100
6 PCS . EA . LOW PASS FILTER 5515LP15A730
6 PCS . EA . BALUN: 5400BL15B050, 5400BL15B100, 5400BL15K050, 5512BL15B100, 5800BL15B100
6 PCS . EA . DIPLEXER: 2450DP15A5512, 2450DP15B5512, 2450DP15D5400, 2450DP15E5400
50 PCS . EA . MLCC (pF): 0 .3 B, 0 .5 B, 0 .8 B,1 .0 B, 1 .2 B,1 .5 B, 1 .8 B, 2 .0 B, 2 .2 B, 2 .7 B, 3 .3 B, 3 .9 B, 4 .7 B, 5 .6 C
50 PCS . EA . MLCI (nH): 1 .0 S, 1 .5 S, 1 .8 S, 2 .2 S, 2 .7 S, 3 .3 S, 3 .9 S, 4 .7 S, 5 .6 S, 6 .8 J, 8 .2 J, 10 J, 12 J, 15 J
JTIsoft® is available for download from our web site.
Designer Kit for WiMAX & UWB
0402 S-Series Capacitors, 0402 Inductors & RF Components
P/N: WUWBL/C402D
6 PCS . EA . CHIP ANTENNA: 2500AT44M0400, 3100AT51A7200
6 PCS . EA . LOW PASS FILTER 3550LP14A300
6 PCS . EA . BAND PASS FILTERS: 2500BP15M400, 3600BP15M600, 4000BP15U1800, 5130BP18U4060
6 PCS . EA . BALUN: 2500BL14M050, 2450BL14M100, 3600BL14M050, 3600BL14M100, 4000BL14U100
6 PCS . EA . FILTER BALUN: 2345FB39A0050, 2595FB39A0050, 3500FB39A0050
50 PCS . EA . MLCC (pF): 0 .3 B . 0 .5 B . 1 .0 B, 1 .5 B, 1 .8 B, 2 .2 B, 2 .7 B, 3 .3 B, 3 .9 B, 4 .7 B, 5 .6 C, 6 .8 C, 8 .2 C, 10 J
50 PCS . EA . MLCI (nH): 1 .0 S,1 .5 S, 1 .8 S, 2 .2 S, 2 .7 S, 3 .3 S, 4 .7 S, 5 .6 S, 6 .8 J, 8 .2 J, 10 J, 15 J, 18 J, 27 J
0603 S-Series Capacitors, 0603 Inductors & RF Components
P/N: WUWBL/C603D
6 PCS . EA . CHIP ANTENNA: 2500AT44M0400, 3100AT51A7200
6 PCS . EA . LOW PASS FILTER 3550LP14A300
6 PCS . EA . BAND PASS FILTERS: 2500BP15M400, 3600BP15M600, 4000BP15U1800, 5130BP18U4060
6 PCS . EA . BALUN: 2500BL14M050, 2450BL14M100, 3600BL14M050, 3600BL14M100, 4000BL14U100
6 PCS . EA . FILTER BALUN: 2345FB39A0050, 2595FB39A0050, 3500FB39A0050
50 PCS . EA . MLCC (pF): 0 .3 B . 0 .5 B . 1 .0 B, 1 .5 B, 1 .8 B, 2 .2 B, 2 .7 B, 3 .3 B, 3 .9 B, 4 .7 B, 5 .6 C, 6 .8 C, 8 .2 C, 10 J
50 PCS . EA . MLCI (nH): 1 .0 S,1 .5 S, 1 .8 S, 2 .2 S, 2 .7 S, 3 .3 S, 4 .7 S, 5 .6 S, 6 .8 J, 8 .2 J, 10 J, 15 J, 18 J, 27 J
Standard Termination for all kits - 100% Sn. Consult Factory for other termination options


Similar Part No. - L402W

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L4004D3 TECCOR-L4004D3 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L4004D3 LITTELFUSE-L4004D3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
L4004D3 LITTELFUSE-L4004D3 Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
logo
Teccor Electronics
L4004D3 TECCOR-L4004D3 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L4004D3 LITTELFUSE-L4004D3 Datasheet
176Kb / 8P
   Sensitive Triacs
More results

Similar Description - L402W

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TXC100-433 MURATA-DR-TXC100-433 Datasheet
219Kb / 7P
   DR-TXC100 RF Development Kits
DR-TXC100-315 MURATA-DR-TXC100-315 Datasheet
219Kb / 7P
   DR-TXC100 RF Development Kits
logo
Adam Technologies, Inc.
RF5-500-1 ADAM-TECH-RF5-500-1 Datasheet
61Kb / 1P
   PROTO N TYPE PCB
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
Shenzhen Xinmao Microel...
LP3710 LANDP-LP3710 Datasheet
989Kb / 13P
   Proto-Feedback Multiple Modular PWM Control chip
logo
Maxim Integrated Produc...
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
   Designers Kits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com