Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E52-P10GR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E52-P10GR
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-P10GR Datasheet(HTML) 2 Page - Omron Electronics LLC

  E52-P10GR Datasheet HTML 1Page - Omron Electronics LLC E52-P10GR Datasheet HTML 2Page - Omron Electronics LLC E52-P10GR Datasheet HTML 3Page - Omron Electronics LLC E52-P10GR Datasheet HTML 4Page - Omron Electronics LLC E52-P10GR Datasheet HTML 5Page - Omron Electronics LLC E52-P10GR Datasheet HTML 6Page - Omron Electronics LLC E52-P10GR Datasheet HTML 7Page - Omron Electronics LLC E52-P10GR Datasheet HTML 8Page - Omron Electronics LLC E52-P10GR Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
E52
2
Note: 1. General-purpose models and low-cost models are provided on the previous page.
2. These tables provide general specifications only. Be sure to read the detailed specifications and precautions before use.
3. The temperature range varies with the material, thickness, and construction of the protective tubing.
Classifi-
cation
Descrip-
tion
Model and appearance
Tempera-
ture range
(See note 3.)
Element
type
Conduc-
tor type
Class
Protective
tubing
material
Terminal
type
Page
Exclusive
Models
Bayonet
spring for
molding
machines
E52-CA2GV
E52-IC2GV
0
°C to 350°CK (CA)
J (IC)
Grounded
type
2 (0.75)
SUS304
Exposed
lead wires
21
Crimping
terminals
E52-CA1GT
E52-IC1GT
0
°C to 300°C22
Used for
measur-
ing surface
tempera-
tures
E52-P2GS
−50°C to
250
°C
Pt100
3-conduc-
tor system
B22
Used for
room tem-
perature
measure-
ment
E52-P10GR
−50°C to
60
°C
22
Double-el-
ement
model
E52-P20GW
−50°C to
250
°C
Two 3-con-
ductor
systems
23
Water-
proof mod-
el
E52-P10GP
0
°C to 70°C
3-conduc-
tor system
23
E52-P5A-40
−50°C to
180
°C
Fluororesin
molding
24
Corrosion-
resistant
model
E52-
@@A-1
−80°C to
180
°C
Pt100
3-conduc-
tor system
B
Fluororesin
tubing
24
K (CA)
Non-
grounded
type
2 (0.75)
Silicone-
covered
lead wires
E52-CA1D-40
0
°C to 300°C K (CA)
Grounded
type
2 (0.75)
---
27
Explosion-
proof mod-
el
E52-
@@C-6
−100°C to
500
°C
Pt100
3-conduc-
tor system
B
SUS316
Enclosed
terminals
25
−100°C to
900
°C
K (CA)
Non-
grounded
type
2 (0.75)
Thermistors
E52-THE5A
E52-THE6F
E52-THE6D
−50°C to
300
°C
Ther-
mistor
Element-
inter-
change-
able
thermistor
1
SUS304
Exposed
lead wires
29


Similar Part No. - E52-P10GR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-P10GR

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com