Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E52-IC1D Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E52-IC1D
Description  A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E52-IC1D Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E52-IC1D Datasheet HTML 3Page - Omron Electronics LLC E52-IC1D Datasheet HTML 4Page - Omron Electronics LLC E52-IC1D Datasheet HTML 5Page - Omron Electronics LLC E52-IC1D Datasheet HTML 6Page - Omron Electronics LLC E52-IC1D Datasheet HTML 7Page - Omron Electronics LLC E52-IC1D Datasheet HTML 8Page - Omron Electronics LLC E52-IC1D Datasheet HTML 9Page - Omron Electronics LLC E52-IC1D Datasheet HTML 10Page - Omron Electronics LLC E52-IC1D Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
E52
7
Enclosed-terminal Models
E52-P
@C
Dimensions
Dimensions are given in millimeters, except for the length (L), which is provided in centimeters.
Note: 1. The length L is in centimeters, but “40” is 40 millimeters.
Therefore, for the E52-P20C, L = 20 (cm), the protective tubing length L
− 40 = 200 − 40 = 160 mm.
2. The length L is in centimeters, but “50” is 50 millimeters.
Therefore, for the E52-P75C: L = 75 (cm), the protective tubing length L
− 50 = 750 − 50 = 700 mm.
3. Terminal box: The permissible temperature is 0
°C to 80°C.
Model Information
Custom-made models are available on request. Refer to page 4 for details.
Note: The terminals in the cap indicate polarity (A, B, b).
14 dia.
8 dia.
(See note 1.)
Aluminum die-cast terminal box
SUS316 protective tubing
L
− 40
Use wiring terminals that fit M3 screws.
34 dia.
57
10
65
Cap
35
G3/8, 19 mm between
facing sides, 10 inner
dia. (with 7-inner-dia.
rubber bushing built-in)
10 dia.
SUS316 protective tubing
Aluminum die-cast terminal box
22 dia.
(See note 2.)
Use wiring terminals that fit M4 screws.
L
− 50
40 dia.
Cap
98
90
57
10
G1/2, 15-A ground (with 11-inner-dia.
rubber bushing built-in)
Terminal type
Protective tubing
length L (cm)
Protective tubing diameter D (mm)
8 dia.
10 dia.
Model
Enclosed-terminal
Models
20
E52-P20C D=8
---
35
E52-P35C D=8
E52-P35C D=10
50
E52-P50C D=8
E52-P50C D=10
75
---
E52-P75C D=10
100
---
E52-P100C D=10


Similar Part No. - E52-IC1D

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E52-16QS04-B EATON-E52-16QS04-B Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-B1 EATON-E52-16QS04-B1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C EATON-E52-16QS04-C Datasheet
3Mb / 102P
   Stainless steel tube
E52-16QS04-C1 EATON-E52-16QS04-C1 Datasheet
3Mb / 102P
   Stainless steel tube
E52-18RU04-B EATON-E52-18RU04-B Datasheet
3Mb / 102P
   Stainless steel tube
More results

Similar Description - E52-IC1D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
   The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Rosenberger Hochfrequen...
23C21D-40ML5 ROSENBERGER-23C21D-40ML5 Datasheet
351Kb / 2P
   A wide variety of transmissionline topologies and pcb-parameters like permittivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com