Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MALREKA00DD422C00K Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MALREKA00DD422C00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKA00DD422C00K Datasheet(HTML) 6 Page - Vishay Siliconix

  MALREKA00DD422C00K Datasheet HTML 1Page - Vishay Siliconix MALREKA00DD422C00K Datasheet HTML 2Page - Vishay Siliconix MALREKA00DD422C00K Datasheet HTML 3Page - Vishay Siliconix MALREKA00DD422C00K Datasheet HTML 4Page - Vishay Siliconix MALREKA00DD422C00K Datasheet HTML 5Page - Vishay Siliconix MALREKA00DD422C00K Datasheet HTML 6Page - Vishay Siliconix MALREKA00DD422C00K Datasheet HTML 7Page - Vishay Siliconix MALREKA00DD422C00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EKA
www.vishay.com
Vishay Roederstein
Revision: 14-Mar-12
6
Document Number: 25014
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
400
6.8
10 x 12.5
0.20
39.0
87
1.85
MALREKA00DC168X00K
10
10 x 16
0.20
26.5
115
2.30
MALREKA00DD210X00K
22
12.5 x 20
0.20
12.1
218
4.10
MALREKA00FE222X00K
33
12.5 x 25
0.20
8.04
296
5.60
MALREKA00FG233X00K
47
16 x 25
0.20
5.65
387
7.50
MALREKA00JG247X00K
68
16 x 31.5
0.20
3.90
488
9.50
MALREKA00JS268X00K
100
18 x 35.5
0.20
2.65
667
13.0
MALREKA00KL310X00K
150
18 x 40
0.20
1.77
863
16.0
MALREKA00KK315X00K
450
1.0
8 x 11.5
0.20
265
26
1.20
MALREKA00PB110P00K
1.5
8 x 11.5
0.20
177
32
1.20
MALREKA00PB115P00K
2.2
8 x 11.5
0.20
121
33
1.20
MALREKA00PB122P00K
3.3
8 x 11.5
0.20
80.4
50
1.20
MALREKA00PB133P00K
4.7
10 x 12.5
0.20
56.5
72
1.85
MALREKA00DC147P00K
6.8
10 x 16
0.20
39.0
86
2.30
MALREKA00DD168P00K
10
10 x 20
0.20
26.5
115
2.80
MALREKA00DE210P00K
15
12.5 x 20
0.20
17.7
164
4.10
MALREKA00FE215P00K
22
12.5 x 25
0.20
12.1
217
5.60
MALREKA00FG222P00K
33
16 x 25
0.20
8.04
294
7.50
MALREKA00JG233P00K
47
16 x 31.5
0.20
5.65
384
9.50
MALREKA00JS247P00K
68
16 x 35.5
0.20
3.90
503
10.5
MALREKA00JL268P00K
100
18 x 40
0.20
2.65
546
16.0
MALREKA00KK310P00K
LOW TEMPERATURE BEHAVIOR (at 120 Hz)
IMPEDANCE RATIO
Z (T2)/Z (T1)
RATED VOLTAGE
(V)
T2/T1
6.3
10
16
25
35
50 ~ 100
160
200 ~ 350
400 ~ 450
- 25/+ 20 °C
5
4
3
2
2
2
4
6
12
- 40/+ 20 °C
12
10
8
5
4
3
6
8
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(test conditions: UR, 20 °C)
After 1 min at UR
IL1  0.03 x CR x UR
or 4 μA
After 2 min at UR
IL2  0.01 x CR x UR
or 3 μA
After 5 min at UR
IL5  0.02 x CR x UR
or 15 μA
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR
ESR = tan
/2  f C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER FOR UR  100 V
CR  47 μF
CR = 68 μF to 680 μF
CR  1000 μF
50
0.75
0.80
0.85
120
1.00
1.00
1.00
300
1.35
1.25
1.10
1000
1.55
1.35
1.15
 10 000
2.00
1.50
1.15
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
120 Hz
RESR
120 Hz
(
)
IR
120 Hz/85 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(Long Leads)


Similar Part No. - MALREKA00DD422C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00DD422C00K VISHAY-MALREKA00DD422C00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKA00DD422C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com