Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6404G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6404G
Description  Silicon Controlled Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6404G Datasheet(HTML) 4 Page - ON Semiconductor

  2N6404G Datasheet HTML 1Page - ON Semiconductor 2N6404G Datasheet HTML 2Page - ON Semiconductor 2N6404G Datasheet HTML 3Page - ON Semiconductor 2N6404G Datasheet HTML 4Page - ON Semiconductor 2N6404G Datasheet HTML 5Page - ON Semiconductor 2N6404G Datasheet HTML 6Page - ON Semiconductor 2N6404G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N6400 Series
http://onsemi.com
4
Figure 3. On−State Characteristics
Figure 4. Maximum Non−Repetitive Surge Current
Figure 5. Thermal Response
1.0
0.02
0.03
0.05
0.07
0.1
100
0.2
0.3
0.5
0.7
0.2
0.3
0.5
1.0
2.0
0.8
0.1
ZqJC(t) = RqJC r(t)
1.0
120
SURGE IS PRECEDED AND
FOLLOWED BY RATED CURRENT
TJ = 125°C
f = 60 Hz
NUMBER OF CYCLES
130
140
150
160
20
2.0
3.0
4.0
6.0
8.0
10
0.4
0.01
t, TIME (ms)
3.0
5.0
110
0.2
0.3
0.5
0.7
7.0
5.0
1.0
2.0
10
50
3.0
20
30
70
vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
1.6
2.4
2.0
4.0
4.4
1.2
30
50
100
200 300
500
2.0 k
10
3.0 k 5.0 k
10 k
1.0 k
TJ = 25°C
125
°C
1 CYCLE
200
2.8
3.6
3.2


Similar Part No. - 2N6404G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6404G ONSEMI-2N6404G Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
More results

Similar Description - 2N6404G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com