Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7687BRMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7687BRMZ
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687BRMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7687BRMZ Datasheet HTML 6Page - Analog Devices AD7687BRMZ Datasheet HTML 7Page - Analog Devices AD7687BRMZ Datasheet HTML 8Page - Analog Devices AD7687BRMZ Datasheet HTML 9Page - Analog Devices AD7687BRMZ Datasheet HTML 10Page - Analog Devices AD7687BRMZ Datasheet HTML 11Page - Analog Devices AD7687BRMZ Datasheet HTML 12Page - Analog Devices AD7687BRMZ Datasheet HTML 13Page - Analog Devices AD7687BRMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7687
Data Sheet
Rev. B | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16384
32768
49152
65535
POSITIVE INL = +0.32LSB
NEGATIVE INL = –0.41LSB
Figure 7. Integral Nonlinearity vs. Code
300000
250000
150000
200000
100000
50000
0
CODE IN HEX
45
46
47
41
42
43
44
0
0
1049
0
0
258680
1391
VDD = REF = 5V
Figure 8. Histogram of a DC Input at the Code Center
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–160
–140
–180
0
20
40
60
80
100
120
8192 POINT FFT
VDD = REF = 5V
FS = 250KSPS
FIN = 2.1kHz
SNR = 95.5dB
THD = –118.3dB
2nd HARM = –130dB
3rd HARM = –122.7dB
Figure 9. FFT Plot
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
16384
32768
49152
65535
POSITIVE DNL = +0.27LSB
NEGATIVE DNL = –0.24LSB
Figure 10. Differential Nonlinearity vs. Code
250000
150000
200000
100000
50000
0
CODE IN HEX
49
4A
4C
44
46
47
48
0
45
060
30721
18
4B
00
200403
29918
VDD = REF = 2.5V
Figure 11. Histogram of a DC Input at the Code Center
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–160
–140
–180
0
20
40
60
80
100
120
32768 POINT FFT
VDD = REF = 2.5V
FS = 250KSPS
FIN = 2kHz
SNR = 92.8dB
THD = –115.9dB
2nd HARM = –124dB
3rd HARM = –119dB
Figure 12. FFT Plot


Similar Part No. - AD7687BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7687BRMZ AD-AD7687BRMZ Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7687BRMZRL7 AD-AD7687BRMZRL7 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
More results

Similar Description - AD7687BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688BRMZ AD-AD7688BRMZ Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. A
AD7693 AD-AD7693 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7687 AD-AD7687_15 Datasheet
568Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. C
AD7690BRMZ AD-AD7690BRMZ Datasheet
620Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR짰 Differential ADC in MSOP/QFN
REV. B
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com