Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC3612 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDC3612
Description  100V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC3612 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC3612 Datasheet HTML 1Page - Fairchild Semiconductor FDC3612 Datasheet HTML 2Page - Fairchild Semiconductor FDC3612 Datasheet HTML 3Page - Fairchild Semiconductor FDC3612 Datasheet HTML 4Page - Fairchild Semiconductor FDC3612 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDC3612 Rev B3(W)
Typical Characteristics
0
2
4
6
8
10
03
69
12
15
Qg, GATE CHARGE (nC)
ID = 2.6A
VDS = 25V
75V
50V
0
200
400
600
800
1000
0
20406080
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 156
oC/W
TA = 25
oC
10ms
1ms
100µs
0
10
20
30
40
0.001
0.01
0.1
1
10
100
t1, TIME (sec)
SINGLE PULSE
RθJA = 156°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
RθJA(t) = r(t) + RθJA
RθJA = 156 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDC3612

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FDC3612 KEXIN-FDC3612 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
TECH PUBLIC Electronics...
FDC3612-TP TECHPUBLIC-FDC3612-TP Datasheet
1Mb / 3P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - FDC3612

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com