Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

510DX Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 510DX
Description  Aluminum Capacitors 125 °C, Miniature, Radial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

510DX Datasheet(HTML) 4 Page - Vishay Siliconix

  510DX Datasheet HTML 1Page - Vishay Siliconix 510DX Datasheet HTML 2Page - Vishay Siliconix 510DX Datasheet HTML 3Page - Vishay Siliconix 510DX Datasheet HTML 4Page - Vishay Siliconix 510DX Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
510DX
www.vishay.com
Vishay Sprague
Revision: 07-Jan-13
4
Document Number: 42050
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 WVDC AT 125 °C, SURGE = 32 V
100.0
510DX107M025BD2D
0.315 x 0.630 [8.0 x 16.0]
1459.0
571.0
0.251
0.401
514.0
100.0
510DX107M025CC2D
0.394 x 0.512 [10.0 x 13.0]
1459.0
571.0
0.268
0.428
514.0
330.0
510DX337M025DG2D
0.492 x 0.787 [12.5 x 20.0]
442.0
224.0
0.661
0.927
202.0
470.0
510DX477M025DK2D
0.492 x 0.984 [12.5 x 25.0]
310.0
150.0
0.859
1.238
135.0
1500.0
510DX158M025ER2D
0.630 x 1.417 [16.0 x 36.0]
97.0
45.0
2.049
3.009
40.0
35 WVDC AT 125 °C, SURGE = 44 V
47.0
510DX476M035BB2D
0.315 x 0.472 [8.0 x 12.0]
2822.0
1067.0
0.161
0.262
960.0
100.0
510DX107M035CC2D
0.394 x 0.512 [10.0 x 13.0]
1326.0
593.0
0.281
0.421
534.0
220.0
510DX227M035CG2D
0.394 x 0.787 [10.0 x 20.0]
603.0
248.0
0.496
0.774
223.0
470.0
510DX477M035DK2D
0.492 x 0.984 [12.5 x 25.0]
282.0
156.0
0.901
1.214
140.0
1200.0
510DX128M035EN2D
0.630 x 1.260 [16.0 x 32.0]
111.0
58.0
1.826
2.527
52.0
1500.0
510DX158M035ER2D
0.630 x 1.417 [16.0 x 36.0]
88.0
47.0
2.151
2.944
42.0
50 WVDC AT 125 °C, SURGE = 63 V
220.0
510DX227M050DG2D
0.492 x 0.787 [12.5 x 20.0]
543.0
243.0
0.597
0.892
218.0
330.0
510DX337M050DK2D
0.492 x 0.984 [12.5 x 25.0]
362.0
162.0
0.796
1.191
146.0
1000.0
510DX108M050ER2D
0.630 x 1.417 [16.0 x 36.0]
119.0
49.0
1.847
2.883
44.0
63 WVDC AT 125 °C, SURGE = 79 V
47.0
510DX476M063BD2D
0.315 x 0.630 [8.0 x 16.0]
1975.0
642.0
0.215
0.378
578.0
47.0
510DX476M063CC2D
0.394 x 0.512 [10.0 x 13.0]
1975.0
642.0
0.231
0.404
578.0
220.0
510DX227M063DK2D
0.492 x 0.984 [12.5 x 25.0]
422.0
168.0
0.737
1.167
151.0
1000.0
510DX108M063FR2D
0.709 x 1.417 [18.0 x 36.0]
93.0
45.0
2.256
3.243
41.0
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER (1)
NOMINAL CASE SIZE
D x L
IN INCHES (mm)
MAX. ESR
AT + 25 °C (m
)
MAX. RIPPLE
AT + 105 °C (A)
MAX. Z
AT + 25 °C
(m
)
100 Hz
120 Hz
20 kHz TO 40 kHz
120 Hz
20 kHz TO 40 kHz


Similar Part No. - 510DX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
510 ETC2-510 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Precid-Dip Durtal SA
510-13-108-12-051-001 PREDIP-510-13-108-12-051-001 Datasheet
33Kb / 1P
   Pin grid array sockets Solder tail
logo
Winchester Electronics ...
510-600-0850H WINCHESTER-510-600-0850H Datasheet
100Kb / 1P
   SMB STRAIGHT PLUG SOLDER CLAMP .085 S.R
logo
Precid-Dip Durtal SA
510-83-179-18-112101 PREDIP-510-83-179-18-112101 Datasheet
23Kb / 4P
   PGA / BGA / PLCC SOCKETS
510-83-257-19-081101 PREDIP-510-83-257-19-081101 Datasheet
23Kb / 4P
   PGA / BGA / PLCC SOCKETS
More results

Similar Description - 510DX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
515D VISHAY-515D Datasheet
101Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
Revision: 07-Jan-13
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
515D VISHAY-515D_V01 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
EKL VISHAY-EKL Datasheet
104Kb / 7P
   Aluminum Capacitors Radial Style 125 °C
Revision: 17-Jul-08
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com