Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV32T-121J-PF Datasheet(PDF) 3 Page - TDK Electronics

Part # NLV32T-121J-PF
Description  For General Applications SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-121J-PF Datasheet(HTML) 3 Page - TDK Electronics

  NLV32T-121J-PF Datasheet HTML 1Page - TDK Electronics NLV32T-121J-PF Datasheet HTML 2Page - TDK Electronics NLV32T-121J-PF Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• All specifications are subject to change without notice.
(3/3)
002-03 / 20031028 / e511_nlv32.fm
Inductors
NLV Series NLV32 Type
For General Applications
SMD
ELECTRICAL CHARACTERISTICS
• Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER (16085A+16093B+TDK TF-1)
SRF: HP8753C NETWORK ANALYZER
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
Inductance(µH)
Inductance
tolerance
Q
min.
Test frequency L,Q
(MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω)max.
Rated current
(mA)max.
Part No.
15
±5%
30
2.52
20
2.8
130
NLV32T-150J-PF
18
±5%
30
2.52
20
3.3
120
NLV32T-180J-PF
22
±5%
30
2.52
20
3.7
110
NLV32T-220J-PF
27
±5%
30
2.52
20
5
80
NLV32T-270J-PF
33
±5%
30
2.52
17
5.6
70
NLV32T-330J-PF
39
±5%
30
2.52
16
6.4
65
NLV32T-390J-PF
47
±5%
30
2.52
15
7
60
NLV32T-470J-PF
56
±5%
30
2.52
13
8
55
NLV32T-560J-PF
68
±5%
30
2.52
12
9
50
NLV32T-680J-PF
82
±5%
30
2.52
11
10
45
NLV32T-820J-PF
100
±5%
20
0.796
10
10
40
NLV32T-101J-PF
120
±5%
20
0.796
10
11
70
NLV32T-121J-PF
150
±5%
20
0.796
8
15
65
NLV32T-151J-PF
180
±5%
20
0.796
7
17
60
NLV32T-181J-PF
220
±5%
20
0.796
7
21
50
NLV32T-221J-PF
270
±5%
20
0.796
6
28
45
NLV32T-271J-PF
330
±5%
20
0.796
5
34
40
NLV32T-331J-PF
390
±5%
20
0.796
5
36
35
NLV32T-391J-PF
470
±5%
20
0.796
4
40
25
NLV32T-471J-PF


Similar Part No. - NLV32T-121J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-121J-PF TDK-NLV32T-121J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV32T-121J-PF TDK-NLV32T-121J-PF Datasheet
142Kb / 3P
   Inductors (Coils)
NLV32T-121J-PFD TDK-NLV32T-121J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NLV32T-121J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL4532 TDK-NL4532 Datasheet
88Kb / 3P
   For General Applications SMD
NL2016 TDK-NL2016 Datasheet
61Kb / 2P
   For General Applications
logo
MAKO SEMICONDUCTOR CO.,...
BC818-40 MAKOSEMI-BC818-40 Datasheet
102Kb / 2P
   For general AF applications
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
   For general AF applications
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
   For general AF applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
logo
Vishay Siliconix
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68_11 Datasheet
523Kb / 7P
   For general AF applications
2011-10-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com