Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150CRZ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 150CRZ
Description  Aluminum Capacitors SMD (Chip), Very Low Z
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150CRZ Datasheet(HTML) 5 Page - Vishay Siliconix

  150CRZ_13 Datasheet HTML 1Page - Vishay Siliconix 150CRZ_13 Datasheet HTML 2Page - Vishay Siliconix 150CRZ_13 Datasheet HTML 3Page - Vishay Siliconix 150CRZ_13 Datasheet HTML 4Page - Vishay Siliconix 150CRZ_13 Datasheet HTML 5Page - Vishay Siliconix 150CRZ_13 Datasheet HTML 6Page - Vishay Siliconix 150CRZ_13 Datasheet HTML 7Page - Vishay Siliconix 150CRZ_13 Datasheet HTML 8Page - Vishay Siliconix 150CRZ_13 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
150 CRZ
www.vishay.com
Vishay BCcomponents
Revision: 23-Apr-13
5
Document Number: 28395
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD SOLDERING PROFILE FOR LEAD (Pb)-FREE REFLOW PROCESS
Fig. 4 - Maximum temperature load during reflow soldering
Table 4
Notes
Temperature measuring point on top of the case and on terminals.
Max. 2 runs with pause of min. 30 min in between.
REFLOW SOLDERING CONDITIONS for MAL215097xxxE3
PROFILE FEATURES
CASE CODE
0810 TO 1014
CASE CODE
1213 TO 1216
Max. time from 25 °C to Tpeak
240 s
200 s
Max. ramp-up rate to 150 °C
3 K/s
3 K/s
Max. time from 150 °C to 200 °C (t1)
150 s
120 s
Ramp up rate from 200 °C to Tpeak
0.5 K/s to 3 K/s
0.5 K/s to 3 K/s
Max. time from 200 °C to 217 °C (t2)
60 s
60 s
Max. time above TLiquidus (217 °C) (t3)
90 s
60 s
Max. time above 230 °C (t4)
40 s
30 s
Peak temperature Tpeak
250 °C
240 °C
Max. time above Tpeak minus 5 °C
5 s
10 s
Max. ramp-down rate from TLiquidus
3 K/s to 6 K/s
3 K/s to 6 K/s
t
1
200
150
217
230
T
Peak
time (s)
T (°C)
t
2
t
3
t
4


Similar Part No. - 150CRZ_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
More results

Similar Description - 150CRZ_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com