Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30D
Description  Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30D Datasheet(HTML) 2 Page - Vishay Siliconix

  30D_13 Datasheet HTML 1Page - Vishay Siliconix 30D_13 Datasheet HTML 2Page - Vishay Siliconix 30D_13 Datasheet HTML 3Page - Vishay Siliconix 30D_13 Datasheet HTML 4Page - Vishay Siliconix 30D_13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
30D
www.vishay.com
Vishay Sprague
Revision: 16-Apr-13
2
Document Number: 42041
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING EXAMPLE
Electrolytic capacitor 30D series: 30D 128 M 025 EH 2 A
Note
• For lead (Pb)-free/RoHS compliant products add suffix “E3” to part number.
Example: 30D128M025EH2AE3
DESCRIPTION
CODE
EXPLANATION
30D
Product type
128
Capacitance value (1200 μF)
M
Tolerance (M = ± 20 %)
025
Voltage rating at 105 °C (024 = 25 V)
EH
Can size (see dimensions table)
2
Sleeve and sealing (2 = P. V. C. sleeve)
APackaging (A = bulk)
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
[mm]
MAX. ESR
AT + 25 °C
120 Hz
(
)
MAX. RIPPLE
AT + 85 °C
120 Hz
(A)
6.3 WVDC AT + 105 °C, SURGE = 8 V
150.0
30D157M6R3BB2A
0.248 x 0.689 [6.3 x 17.5]
2.875
0.163
330.0
30D337M6R3CC2A
0.315 x 0.807 [8.0 x 20.5]
1.277
0.299
1200.0
30D128M6R3DF2A
0.374 x 1.260 [9.5 x 32.0]
0.345
0.767
2200.0
30D228M6R3EF2A
0.433 x 1.260 [11.0 x 32.0]
0.206
1.080
4700.0
30D478M6R3GH2A
0.630 x 1.496 [16.0 x 38.0]
0.118
1.910
10 WVDC AT + 105 °C, SURGE = 12 V
47.0
30D476M010BA2A
0.248 x 0.512 [6.3 x 13.0]
7.487
0.089
100.0
30D107M010BB2A
0.248 x 0.689 [6.3 x 17.5]
3.561
0.147
330.0
30D337M010CC2A
0.315 x 0.807 [8.0 x 20.5]
1.081
0.325
470.0
30D477M010DC2A
0.374 x 0.807 [9.5 x 20.5]
0.748
0.434
1000.0
30D108M010DF2A
0.374 x 1.260 [9.5 x 32.0]
0.356
0.755
2200.0
30D228M010EH2A
0.433 x 1.496 [11.0 x 38.0]
0.184
1.240
16 WVDC AT + 105 °C, SURGE = 20 V
33.0
30D336M016BA2A
0.248 x 0.512 [6.3 x 13.0]
9.814
0.078
150.0
30D157M016CB2A
0.315 x 0.689 [8.0 x 17.5]
2.208
0.212
330.0
30D337M016DC2A
0.374 x 0.807 [9.5 x 20.5]
1.981
0.379
470.0
30D477M016DD2A
0.374 x 0.945 [9.5 x 24.0]
0.679
0.483
1200.0
30D128M016DH2A
0.374 x 1.496 [9.5 x 38.0]
0.265
0.947
4700.0
30D478M016GK2A
0.630 x 1.752 [16.0 x 44.5]
0.093
2.290
20 WVDC AT + 105 °C, SURGE = 25 V
150.0
30D157M020CC2A
0.315 x 0.807 [8.0 x 20.5]
2.110
0.233
220.0
30D227M020DC2A
0.374 x 0.807 [9.5 x 20.5]
1.410
0.318
1000.0
30D108M020EF2A
0.433 x 1.260 [11.0 x 32.0]
0.323
0.863
1500.0
30D158M020EH2A
0.433 x 1.496 [11.0 x 38.0]
0.221
1.140
3300.0
30D338M020GK2A
0.630 x 1.752 [16.0 x 44.5]
0.118
2.040


Similar Part No. - 30D_13

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
30D-13 YINT-30D-13 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
30D-13 LEIDITECH-30D-13 Datasheet
3Mb / 24P
   NTC Specification
30D-13 LEIDITECH-30D-13 Datasheet
2Mb / 24P
   NTC Specification
More results

Similar Description - 30D_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com