Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKE0509SC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NKE0509SC
Description  Isolated Sub-Miniature 1W Single Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NKE0509SC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  NKE0509SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NKE0509SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NKE0509SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NKE0509SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NKE0509SC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NKE0509SC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NKE0509SC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NKE Series
Isolated Sub-Miniature 1W Single Output DC/DC Converters
KDC_NKE.K03 Page 6 of 7
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 8 PIN DIP
Pin
Function
1-VIN
4+VIN
5+VOUT
7-VOUT
PIN CONNECTIONS - 4 PIN SIP
Pin
Function
1-VIN
2+VIN
3-VOUT
4+VOUT
0.45
(11.48)
0.236
(6.00)
0.0118 (0.30)
0.0078 (0.20)
0.086±0.0197
(2.18±0.50)
0.3
(7.62)
0.049
(1.25)
0.293
(7.46)
0.022 (0.55)
0.018 (0.45)
0.181 (4.60)
0.142 (3.60)
0.1 (2.54)
0.0196±0.00196
(0.50±0.05)
XYYWW
NKE0505SC
0.212 (5.40)
0.181 (4.60)
0.142 (3.60)
0.0196±0.00196
(0.50±0.05)
0.453 (11.50)
0.386 (9.80)
XYYWW
NKE0505DC
0.0118 (0.30)
0.0078 (0.20)
0.043 (1.09)
0.0763 (1.94)
0.3 (7.62)
0.3 (7.62)
0.2 (5.08)
14
5
7
1
234
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight: 1.09g (SIP) 1.25g (DIP)
DIP Package
SIP Package


Similar Part No. - NKE0509SC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NKE0509SC MURATA-PS-NKE0509SC Datasheet
257Kb / 9P
   Isolated Sub-Miniature 1W Single Output DC-DC Converters
2023
More results

Similar Description - NKE0509SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
   Isolated Sub-Miniature 1W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
   Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A Datasheet
432Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com