Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKL25Z128VLK4 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MKL25Z128VLK4
Description  Part numbers for the chip have fields that identify the specific part.
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL25Z128VLK4 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MKL25Z128VLK4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL25Z128VLK4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL25Z128VLK4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL25Z128VLK4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL25Z128VLK4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL25Z128VLK4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MKL25Z128VLK4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MKL25Z128VLK4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MKL25Z128VLK4 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
4.2 Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
3
1
1. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
4.3 ESD handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
-2000
+2000
V
1
VCDM
Electrostatic discharge voltage, charged-device model
-500
+500
V
2
ILAT
Latch-up current at ambient temperature of 105°C
-100
+100
mA
1. Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM).
2. Determined according to JEDEC Standard JESD22-C101, Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
4.4 Voltage and current operating ratings
Symbol
Description
Min.
Max.
Unit
VDD
Digital supply voltage
–0.3
3.8
V
IDD
Digital supply current
120
mA
VDIO
Digital pin input voltage (except RESET)
–0.3
3.6
V
VAIO
Analog pins1and RESET pin input voltage
–0.3
VDD + 0.3
V
ID
Instantaneous maximum current single pin limit (applies to all
port pins)
–25
25
mA
VDDA
Analog supply voltage
VDD – 0.3
VDD + 0.3
V
VUSB_DP
USB_DP input voltage
–0.3
3.63
V
VUSB_DM
USB_DM input voltage
–0.3
3.63
V
VREGIN
USB regulator input
–0.3
6.0
V
1. Analog pins are defined as pins that do not have an associated general purpose I/O port function.
5 General
General
KL25 Sub-Family Data Sheet Data Sheet, Rev. 3, 9/19/2012.
Freescale Semiconductor, Inc.
9


Similar Part No. - MKL25Z128VLK4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKL25Z128VLK4 NXP-MKL25Z128VLK4 Datasheet
1Mb / 59P
   Kinetis KL25 Sub-Family
Rev 5 08/2014
More results

Similar Description - MKL25Z128VLK4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
   Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
logo
Freescale Semiconductor...
MKL14Z32VFM4 FREESCALE-MKL14Z32VFM4 Datasheet
1Mb / 47P
   Valid orderable part numbers are provided on the web. To determine the orderable part numbers for this device, go to www.freescale.com and perform a part number search for the following device numbers: PKL14 and MKL14
logo
World Produts Inc.
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
   Picture of the Part
logo
NXP Semiconductors
MPC8245ARZUPNS NXP-MPC8245ARZUPNS Datasheet
254Kb / 20P
   Part Number Specification for the MPC8245ARZUnnnX Series
Rev. 2, 07/2004
logo
List of Unclassifed Man...
DS_USB_RS485_CABLES ETC2-DS_USB_RS485_CABLES Datasheet
513Kb / 16P
   2 Cable Part Numbers
logo
Freescale Semiconductor...
MPC8245 FREESCALE-MPC8245 Datasheet
183Kb / 20P
   Part Number Specification for the MPC8245ARZUnnnX Series
logo
PHOENIX CONTACT
2230006 PHOENIX-2230006 Datasheet
57Kb / 2P
   Part of the EnviroCase System
logo
M/A-COM Technology Solu...
MABA-000001-75KIT1 MA-COM-MABA-000001-75KIT1 Datasheet
635Kb / 2P
   Twelve different part numbers
logo
PHOENIX CONTACT
2230010 PHOENIX-2230010 Datasheet
58Kb / 2P
   Part of the EnviroCase System
logo
Freescale Semiconductor...
XPC8240LZU200E FREESCALE-XPC8240LZU200E Datasheet
1Mb / 8P
   MPC8240 Part Number Specification for the XPC8240RXXnnnx Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com