Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKL25Z128VFT4 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MKL25Z128VFT4
Description  Part numbers for the chip have fields that identify the specific part.
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL25Z128VFT4 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MKL25Z128VFT4 Datasheet HTML 1Page - Freescale Semiconductor, Inc MKL25Z128VFT4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MKL25Z128VFT4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MKL25Z128VFT4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MKL25Z128VFT4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL25Z128VFT4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL25Z128VFT4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL25Z128VFT4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL25Z128VFT4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
KL25P80M48SF0
KL25 Sub-Family Data Sheet
Supports the following:
MKL25Z32VFM4, MKL25Z64VFM4,
MKL25Z128VFM4, MKL25Z32VFT4,
MKL25Z64VFT4, MKL25Z128VFT4,
MKL25Z32VLH4, MKL25Z64VLH4,
MKL25Z128VLH4, MKL25Z32VLK4,
MKL25Z64VLK4, and MKL25Z128VLK4
Features
• Operating Characteristics
– Voltage range: 1.71 to 3.6 V
– Flash write voltage range: 1.71 to 3.6 V
– Temperature range (ambient): -40 to 105°C
• Performance
– Up to 48 MHz ARM® Cortex-M0+ core
• Memories and memory interfaces
– Up to 128 KB program flash memory
– Up to 16 KB RAM
• Clocks
– 32 kHz to 40 kHz or 3 MHz to 32 MHz crystal
oscillator
– Multi-purpose clock source
• System peripherals
– Nine low-power modes to provide power
optimization based on application requirements
– 4-channel DMA controller, supporting up to 63
request sources
– COP Software watchdog
– Low-leakage wakeup unit
– SWD interface and Micro Trace buffer
– Bit Manipulation Engine (BME)
• Security and integrity modules
– 80-bit unique identification (ID) number per chip
• Human-machine interface
– Low-power hardware touch sensor interface (TSI)
– General-purpose input/output
• Analog modules
– 16-bit SAR ADC
– 12-bit DAC
– Analog comparator (CMP) containing a 6-bit DAC
and programmable reference input
• Timers
– Six channel Timer/PWM (TPM)
– Two 2-channel Timer/PWM (TPM)
– Periodic interrupt timers
– 16-bit low-power timer (LPTMR)
– Real-time clock
• Communication interfaces
– USB full-/low-speed On-the-Go controller with on-
chip transceiver and 5 V to 3.3 V regulator
– Two 8-bit SPI modules
– Two I2C modules
– One low power UART module
– Two UART modules
Freescale Semiconductor
Document Number: KL25P80M48SF0
Data Sheet: Technical Data
Rev. 3, 9/19/2012
Freescale reserves the right to change the detail specifications as may be
required to permit improvements in the design of its products.
© 2012 Freescale Semiconductor, Inc.


Similar Part No. - MKL25Z128VFT4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKL25Z128VFT4 NXP-MKL25Z128VFT4 Datasheet
1Mb / 59P
   Kinetis KL25 Sub-Family
Rev 5 08/2014
More results

Similar Description - MKL25Z128VFT4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
   Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
logo
Freescale Semiconductor...
MKL14Z32VFM4 FREESCALE-MKL14Z32VFM4 Datasheet
1Mb / 47P
   Valid orderable part numbers are provided on the web. To determine the orderable part numbers for this device, go to www.freescale.com and perform a part number search for the following device numbers: PKL14 and MKL14
logo
World Produts Inc.
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
   Picture of the Part
logo
NXP Semiconductors
MPC8245ARZUPNS NXP-MPC8245ARZUPNS Datasheet
254Kb / 20P
   Part Number Specification for the MPC8245ARZUnnnX Series
Rev. 2, 07/2004
logo
List of Unclassifed Man...
DS_USB_RS485_CABLES ETC2-DS_USB_RS485_CABLES Datasheet
513Kb / 16P
   2 Cable Part Numbers
logo
Freescale Semiconductor...
MPC8245 FREESCALE-MPC8245 Datasheet
183Kb / 20P
   Part Number Specification for the MPC8245ARZUnnnX Series
logo
PHOENIX CONTACT
2230006 PHOENIX-2230006 Datasheet
57Kb / 2P
   Part of the EnviroCase System
logo
M/A-COM Technology Solu...
MABA-000001-75KIT1 MA-COM-MABA-000001-75KIT1 Datasheet
635Kb / 2P
   Twelve different part numbers
logo
PHOENIX CONTACT
2230010 PHOENIX-2230010 Datasheet
58Kb / 2P
   Part of the EnviroCase System
logo
Freescale Semiconductor...
XPC8240LZU200E FREESCALE-XPC8240LZU200E Datasheet
1Mb / 8P
   MPC8240 Part Number Specification for the XPC8240RXXnnnx Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com