Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASH7KW Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASH7KW
Description  32.768kHz LOW POWER SMD CRYTAL OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASH7KW Datasheet(HTML) 2 Page - Abracon Corporation

  ASH7KW Datasheet HTML 1Page - Abracon Corporation ASH7KW Datasheet HTML 2Page - Abracon Corporation ASH7KW Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
||| | | | | ||| | | | | |
ASH7KW
FEATURES:
32.768kHz LOW POWER SMD CRYTAL OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.10.13
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
3.2 x 1.5 x 1.0mm
PART IDENTIFICATIONS:
RoHS/RoHS II Compliant
Pb
ASH7KW-32.768kHz- -
Operating Temp.
L: -40°C ~ +85°C
H: -40°C ~ +125°C
Packaging
Blank: Bulk
T: 1000pcs/Reel
T3: 3000pcs/Reel
Recommended Land Pattern
Dimensions: mm
All Dimensions are typical values.
Pin No.
Function
1
Output
2
GND
3
OE
4
Vdd
OUTLINE DIMENSIONS:


Similar Part No. - ASH7KW

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
   32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
More results

Similar Description - ASH7KW

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
   32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
logo
Golledge Electronics Lt...
OM7604C7 GOLLEDGE-OM7604C7 Datasheet
577Kb / 5P
   Low Power 32.768kHz SM Oscillator
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
   32.768kHz Low Power Clock Oscillator
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
logo
Golledge Electronics Lt...
OM7605C8 GOLLEDGE-OM7605C8 Datasheet
578Kb / 5P
   Low Power 32.768kHz SM Oscillator
OV7604C7 GOLLEDGE-OV7604C7_18 Datasheet
569Kb / 5P
   Low Power 32.768kHz SM Oscillator
logo
Fox Electronics
O2HK FOX-O2HK Datasheet
250Kb / 6P
   2.5x2.0mm 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
   HCMOS 32.768kHz SMD Oscillator
O1HK FOX-O1HK Datasheet
251Kb / 6P
   2.0x1.6mm 32.768kHz SMD Oscillator
FK235 FOX-FK235 Datasheet
439Kb / 1P
   HCMOS 3.3V 32.768kHz SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com