Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4661 Datasheet(PDF) 2 Page - Analog Devices

Part # ADN4661
Description  LVDS and M-LVDS Circuit Implementation Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4661 Datasheet(HTML) 2 Page - Analog Devices

  ADN4661 Datasheet HTML 1Page - Analog Devices ADN4661 Datasheet HTML 2Page - Analog Devices ADN4661 Datasheet HTML 3Page - Analog Devices ADN4661 Datasheet HTML 4Page - Analog Devices ADN4661 Datasheet HTML 5Page - Analog Devices ADN4661 Datasheet HTML 6Page - Analog Devices ADN4661 Datasheet HTML 7Page - Analog Devices ADN4661 Datasheet HTML 8Page - Analog Devices ADN4661 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN-1177
Application Note
Rev. 0 | Page 2 of 12
TABLE OF CONTENTS
Introduction ...................................................................................... 1
LVDS/M-LVDS Application Considerations................................ 1
Why use LVDS or M-LVDS?........................................................... 1
Revision History ............................................................................... 2
Bus Types and Topologies ............................................................... 3
Point-to-Point ............................................................................... 3
Multi-Drop .................................................................................... 3
Multipoint...................................................................................... 3
Clock Distribution Applications..................................................... 4
Multi-Drop Clock Distribution.................................................. 4
Point-to-Point Clock Distribution ............................................. 4
Clock Distribution Using M-LVDS ........................................... 4
Differential Signalling and LVDS/M-LVDS.................................. 5
Definitions and Output Levels ....................................................5
Receiver Thresholds......................................................................5
Transmission Distance..................................................................6
Termination and PCB Layout ..........................................................7
Controlled Impedances ................................................................7
Jitter, Skew, Data Encoding, and Synchronization........................8
What is Jitter?.................................................................................8
What is Skew? ................................................................................8
Data Encoding and Synchronization..........................................9
Isolation ........................................................................................... 10
References........................................................................................ 11
Related Links............................................................................... 11
REVISION HISTORY
3/13—Revision 0: Initial Version


Similar Part No. - ADN4661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
More results

Similar Description - ADN4661

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Analog Devices
AN-960 AD-AN-960 Datasheet
252Kb / 12P
   RS-485/RS-422 CIRCUIT IMPLEMENTATION GUIDE
REV. 0
logo
Maxim Integrated Produc...
MAX9176 MAXIM-MAX9176 Datasheet
245Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Rev 0; 1/03
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
   125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
[Old version datasheet]   125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com