Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL1010-152MEB Datasheet(PDF) 9 Page - Microchip Technology

Part # XAL1010-152MEB
Description  High-Speed Synchronous Buck Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

XAL1010-152MEB Datasheet(HTML) 9 Page - Microchip Technology

Back Button XAL1010-152MEB Datasheet HTML 5Page - Microchip Technology XAL1010-152MEB Datasheet HTML 6Page - Microchip Technology XAL1010-152MEB Datasheet HTML 7Page - Microchip Technology XAL1010-152MEB Datasheet HTML 8Page - Microchip Technology XAL1010-152MEB Datasheet HTML 9Page - Microchip Technology XAL1010-152MEB Datasheet HTML 10Page - Microchip Technology XAL1010-152MEB Datasheet HTML 11Page - Microchip Technology XAL1010-152MEB Datasheet HTML 12Page - Microchip Technology XAL1010-152MEB Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
 2012 Microchip Technology Inc.
DS22326A-page 9
MCP19035
Note:
Unless otherwise indicated, TA =+25°C, VIN = 12V, VOUT = 1.8V, fSW = 300 kHz, CVCC = 4.7 uF.
FIGURE 2-13:
HDRV P-Ch RDSon Relative
Variation vs. Temperature.
FIGURE 2-14:
HDRV N-Ch RDSon Relative
Variation vs. Temperature.
FIGURE 2-15:
LDRV P-Ch RDSon Relative
Variation vs. Temperature.
FIGURE 2-16:
LDRV N-Ch RDSon Relative
Variation vs. Temperature
FIGURE 2-17:
PG Active Time Out Period
vs. Temperature.
FIGURE 2-18:
PG Thresholds Voltage vs.
Temperature.
20
-10
0
10
20
30
40
50
-50
-40
-30
-20
-50
0
50
100
150
Junction Temperature (°C)
-10
0
10
20
30
40
50
-50
-40
-30
-20
-50
0
50
100
150
Junction Temperature (°C)
-10
0
10
20
30
40
50
-50
-40
-30
-20
-50
0
50
100
150
Junction Temperature (°C)
-10
0
10
20
30
40
50
-50
-40
-30
-20
-50
0
50
100
150
Junction Temperature (°C)
120
130
140
150
100
110
-50
0
50
100
150
Junction Temperature (°C)
90
100
PWRGD = Low
PWRGD = High
80
-50
0
50
100
150
Junction Temperature (°C)


Similar Part No. - XAL1010-152MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL1010-152ME COILCRAFT-XAL1010-152ME Datasheet
199Kb / 4P
   High Temperature Shielded Power Inductors
More results

Similar Description - XAL1010-152MEB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
   High-Speed Synchronous Buck Controller
11/29/12
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
logo
Sipex Corporation
SP6132HV SIPEX-SP6132HV Datasheet
264Kb / 14P
   High Voltage Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com