Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148W Datasheet(PDF) 3 Page - First Components International

Part # 1N4148W
Description  High Speed Switching Diode SURFACE MOUNT PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

1N4148W Datasheet(HTML) 3 Page - First Components International

  1N4148W Datasheet HTML 1Page - First Components International 1N4148W Datasheet HTML 2Page - First Components International 1N4148W Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Data Sheet
1N4148W High Speed
Switching Diode
Leakage current versus junction
temperature
1
10
100
1000
10000
0100
200
Tj (
oC)
V
R = 20V
Admissable repetitive peak forward current versus pulse duration
Valid provided that leads at a distance of 8mm from case are kept at ambient temperature
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
tp (s)
υ = 0
0.1
0.2
0.5
t
p
I
FRM
T
I
t
υ = t
p / T
T = 1/t
p


Similar Part No. - 1N4148W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W Datasheet
132Kb / 2P
   SMD Small Signal Switching Diodes
logo
Texas Instruments
1N4148W TI1-1N4148W Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
DONGGUAN YOU FENG WEI E...
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
   For surface mounted applications
More results

Similar Description - 1N4148W

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4448W FCI-1N4448W Datasheet
78Kb / 3P
   High Speed Switching Diode SURFACE MOUNT PACKAGE
logo
Zowie Technology Corpor...
MMDL914T1 ZOWIE-MMDL914T1 Datasheet
47Kb / 2P
   SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Central Semiconductor C...
CMHD4150 CENTRAL-CMHD4150 Datasheet
52Kb / 2P
   SURFACE MOUNT HIGH SPEED SWITCHING DIODE
logo
Comchip Technology
1SS400-G COMCHIP-1SS400-G Datasheet
115Kb / 3P
   Surface Mount High Speed Switching Diode
logo
Central Semiconductor C...
CMHD4150 CENTRAL-CMHD4150_10 Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448 CENTRAL-CMHD4448_10 Datasheet
372Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_15 Datasheet
304Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMDD4448 CENTRAL-CMDD4448_10 Datasheet
367Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMPD914 CENTRAL-CMPD914_10 Datasheet
393Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMPD4448 CENTRAL-CMPD4448_10 Datasheet
393Kb / 2P
   SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com