Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XG5N-502-U Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XG5N-502-U
Description  Crimped MIL Connector Sockets for Discrete Wires
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG5N-502-U Datasheet(HTML) 2 Page - Omron Electronics LLC

  XG5N-502-U Datasheet HTML 1Page - Omron Electronics LLC XG5N-502-U Datasheet HTML 2Page - Omron Electronics LLC XG5N-502-U Datasheet HTML 3Page - Omron Electronics LLC XG5N-502-U Datasheet HTML 4Page - Omron Electronics LLC XG5N-502-U Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Crimped MIL Connector Sockets for Discrete Wires
XG5N/XG5N-U
Double Row Sockets - Crimp Terminal
■ XG5N / XG5N-U
Dimensions (Unit: mm)
Ordering Information
* Order the required number of reels (10,000 contacts).
Note: The pitch between the two polarity guides on Connectors with 50, 60, or 64 contacts is 22.86 mm.
(15.6)
(16.4)
(C)
(D)
14.4
6.10
2.54
B
A
2.54
6.10 7.90
2.54
B
A
2.54
Triangular mark
Polarity guide
XG5N-U (with Lock Levers Attached)
XG5N
No. of contacts
Dimension (mm)
ABCD
10
17.26
10.16
26.80
26.20
14
22.34
15.24
31.88
31.28
16
24.88
17.78
34.42
33.82
20
29.96
22.86
39.50
38.90
26
37.58
30.48
47.12
46.52
30
42.66
35.56
52.20
51.60
34
47.74
40.64
57.28
56.68
40
55.36
48.26
64.90
64.30
50
68.06
60.96
77.60
77.00
60
80.76
73.66
90.30
89.70
64
85.84
78.74
95.38
94.78
Appearance
Socket and Lock Set
Note: The Locks and Sockets
are provided separately.
Socket Housing
Lock Levers
Crimp Contacts, Type 1
Crimp Contacts, Type 2
No. of
contacts
No. of
polarity
guides
Model
Model
Model
Model
Model
10
0
XG5N-100-U
XG5N-100
XG5U-0001
XG5W-0231
(loose contacts)
XG5W-0231-R*
(reel contacts)
XG5W-0232
(loose contacts)
XG5W-0232-R*
(reel contacts)
1
XG5N-101-U
XG5N-101
14
1
XG5N-141-U
XG5N-141
16
1
XG5N-161-U
XG5N-161
20
1
XG5N-201-U
XG5N-201
26
1
XG5N-261-U
XG5N-261
30
1
XG5N-301-U
XG5N-301
34
1
XG5N-341-U
XG5N-341
40
1
XG5N-401-U
XG5N-401
50
1
XG5N-501-U
XG5N-501
2
XG5N-502-U
XG5N-502
60
1
XG5N-601-U
XG5N-601
2
XG5N-602-U
XG5N602
64
1
XG5N-641-U
XG5N-641
2
XG5N-642-U
XG5N-642


Similar Part No. - XG5N-502-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
logo
List of Unclassifed Man...
Xg5 ETC2-Xg5 Datasheet
328Kb / 2P
   AC/DC Power Supply
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
logo
Toshiba Semiconductor
XG5 TOSHIBA-XG5 Datasheet
1Mb / 13P
   XG5 SERIES CLIENT SSD
logo
Epson Company
XG5032HAN EPSON-XG5032HAN Datasheet
408Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
More results

Similar Description - XG5N-502-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
logo
Amphenol PCD, Inc
MIL-PRF-12883 AMPHENOLPCD-MIL-PRF-12883 Datasheet
2Mb / 21P
   Amphenol Pcd MIL-PRF-12883 Relay Sockets
logo
Yamaichi Electronics Co...
HF201S-01MO YAMAICHI-HF201S-01MO Datasheet
246Kb / 2P
   Cable Sockets for HF201P
logo
Belden Inc.
734209-100 BELDEN-734209-100 Datasheet
107Kb / 2P
   Protective cap for M12 mounting sockets and cable sockets
logo
Molex Electronics Ltd.
57252-7000 MOLEX11-57252-7000 Datasheet
34Kb / 1P
   IDT Machine For MIL IDT Connector
57252-5100 MOLEX11-57252-5100 Datasheet
34Kb / 1P
   Clamp Tool For MIL IDT Connector
logo
Schneider Electric
TM5SDI4D SCHNEIDER-TM5SDI4D Datasheet
239Kb / 7P
   Discrete input module, Modicon TM5, digital 4I, 24 V DC sink, 3 wires
Apr 6, 2022
TM5SDI6D SCHNEIDER-TM5SDI6D Datasheet
284Kb / 7P
   Discrete input module, Modicon TM5, digital 6I, 24 V DC sink, 2 wires
Apr 6, 2022
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com