Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM8148BCYE2 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320DM8148BCYE2
Description  TMS320DM814x DaVinci?줧ideo Processors
Download  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148BCYE2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM8148BCYE2 Datasheet HTML 5Page - Texas Instruments TMS320DM8148BCYE2 Datasheet HTML 6Page - Texas Instruments TMS320DM8148BCYE2 Datasheet HTML 7Page - Texas Instruments TMS320DM8148BCYE2 Datasheet HTML 8Page - Texas Instruments TMS320DM8148BCYE2 Datasheet HTML 9Page - Texas Instruments TMS320DM8148BCYE2 Datasheet HTML 10Page - Texas Instruments TMS320DM8148BCYE2 Datasheet HTML 11Page - Texas Instruments TMS320DM8148BCYE2 Datasheet HTML 12Page - Texas Instruments TMS320DM8148BCYE2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 370 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647D – MARCH 2011 – REVISED SEPTEMBER 2012
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 7.5.1, ARM Cortex-A8 Interrupts:
Section 7.5
Added a note that the AINTC for General-Purpose devices does not support the generation of FIQs
Interrupts
to the ARM. [Cleared E2E Issue]
Table 8-3, EDMA Channel Synchronization Events:
Section 8.4.1
EDMA Channel
Deleted EVENT NUMBER 54 PCIE_TX, PCIE Transmit
Synchronization Events
Deleted EVENT NUMBER 55 PCIE_RX, PCIE Receive
Table 8-22, Timing Requirements for EMAC RGMII Input Receive for 10/100/1000 Mbps:
Section 8.6.2.3
Deleted the "Internal delay disabled" rows from PARAMETER NO. 5, tsu(RGTXD-RGTXCH) and NO. 6,
EMAC RGMII Electrical
th(RGTXCH-RGTXD)
Data/Timing
Deleted the "Internal delay enabled" mode option from PARAMETER NO. 5, tsu(RGTXD-RGTXCH) and
NO. 6, th(RGTXCH-RGTXD)
Table 8-24, Switching Characteristics Over Recommended Operating Conditions for EMAC RGMII
Transmit:
Deleted the "Internal delay disabled" rows from PARAMETER NO. 5, tsu(RGTXD-RGTXCH) and NO. 6,
th(RGTXCH-RGTXD)
Added PARAMETER NO. 7, tsk(RGTXD-RGTXCH), Transmit selected signals to EMAC[x]_RGTXC (at
DSP) output skew, Internal delay disabled row
Figure 8-16, EMAC Receive Interface Timing [RGMII Operation] :
Updated/Changed the "EMAC[x]_RGRXC must be ..." footnote register reference from
"RGMII_ID_MODE_N" to "RGMIIx_ID_MODE" [Cleared E2E Issue]
Figure 8-17, EMAC Transmit Interface Timing [RGMII Operation]:
Updated/Changed the figure
Updated/Changed the "RGTXC is delayed internally ..." footnote register reference from
"RGMII_ID_MODE_N" to "RGMIIx_ID_MODE" [Cleared E2E Issue]
Table 8-33, Switching Characteristics Over Recommended Operating Conditions for GPMC/NOR Flash
Interface - Synchronous Mode:
Updated/Changed MIN value for PARAMETER NO. 1, tc(CLK), Cycle time, output clock
GPMC_CLK period from "16" to "20" ns
Section 8.8.2
(1) "Sync mode =" footnote:
GPMC Electrical
Data/Timing
Deleted "Async Mode value = 125 MHz [was in Synchronous Mode section]
Updated/Changed the Sync Mode value from "62.5" to "50" MHz
Updated/Changed the Sync mode footnote to read as follows: "Sync mode can operate at 50
MHz max."
Table 8-34, Timing Requirements for GPMC/NOR Flash Interface - Asynchronous Mode:
Added "The internal GPMC_FCLK is equal to SYSCLK6, ..." footnote
Section 8.9.1.1
Figure 8-37, HDMI Interface High-Level Schematic:
HDMI Interface
Added HDMI_HPDET signal
Schematic
Table 8-50, DDR-Related Control Module Registers:
Section 8.13
Added the HEX ADDRESS RANGE locations for the DDR-Related Control Module Registers
LPDDR/DDR2/DDR3
Memory Controller
Table 8-116, Switching Characteristics Over Recommended Operating Conditions for USB2.0:
Deleted the LOW SPEED MAX value of "-40" for PARAMETER NO. 10, ZDRV, Driver Output
Resistance
Section 8.22
Universal Serial Bus
Updated/Changed the MIN value for PARAMETER NO. 11, ZINP, Receiver Input Impedance for
(USB2.0)
LOW SPEED from "TBD" to "300"
Updated/Changed the MIN value PARAMETER NO. 11, ZINP, Receiver Input Impedance for FULL
SPEED from "100" to "300"
Figure 9-1, Device Nomenclature:
Section 9.1.2
Updated/Changed TMS = from "Prototype Device" to "Qualified Device"
Device and Development-
Support Tool
Added "C = Revision 3.0 (Other)" to SILICON REVISION
Nomenclature
Added "S = Revision 3.0 (Video Security)" to SILICON REVISION
Copyright © 2011–2012, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147 TMS320DM8146


Similar Part No. - TMS320DM8148BCYE2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148BCYE2 TI1-TMS320DM8148BCYE2 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148BCYE2 TI1-TMS320DM8148BCYE2 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148BCYE2F TI1-TMS320DM8148BCYE2F Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148BCYE2F TI1-TMS320DM8148BCYE2F Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
More results

Similar Description - TMS320DM8148BCYE2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8168 TI1-TMS320DM8168_13 Datasheet
2Mb / 327P
[Old version datasheet]   TMS320DM816x DaVinci Video Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com